Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 12 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 12 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 8Page - ON Semiconductor LC87FBG08A Datasheet HTML 9Page - ON Semiconductor LC87FBG08A Datasheet HTML 10Page - ON Semiconductor LC87FBG08A Datasheet HTML 11Page - ON Semiconductor LC87FBG08A Datasheet HTML 12Page - ON Semiconductor LC87FBG08A Datasheet HTML 13Page - ON Semiconductor LC87FBG08A Datasheet HTML 14Page - ON Semiconductor LC87FBG08A Datasheet HTML 15Page - ON Semiconductor LC87FBG08A Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LC87FBG08A
No.A2046-12/30
Recommended Unused Pin Connections
Port Name
Recommended Unused Pin Connections
Board
Software
P00 to P07
Open
Output low
P10 to P17
Open
Output low
P20 to P21
Open
Output low
P70
Open
Output low
CF1/XT1
Pulled low with a 100k
Ω resistor or less
General-purpose input port
CF2/XT2
Pulled low with a 100k
Ω resistor or less
General-purpose input port
On-chip Debugger Pin Connection Requirements
For the treatment of the on-chip debugger pins, refer to the separately available documents entitled "RD87 on-chip
debugger installation manual".
Power Pin Treatment Recommendations (VDD1, VSS1)
Connect bypass capacitors that meet the following conditions between the VDD1 and VSS1 pins:
• Connect among the VDD1 and VSS1 pins and bypass capacitors C1 and C2 with the shortest possible heavy lead
wires, making sure that the impedances between the both pins and the bypass capacitors are as possible (L1=L1’ ,
L2=L2’).
• Connect a large-capacity capacitor C1 and a small-capacity capacitor C2 in parallel.
The capacitance of C2 should approximately 0.1
μF.
VSS1
VDD1
L1’
L2’
L1
L2
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com