Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 19 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 19 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 15Page - ON Semiconductor LC87FBG08A Datasheet HTML 16Page - ON Semiconductor LC87FBG08A Datasheet HTML 17Page - ON Semiconductor LC87FBG08A Datasheet HTML 18Page - ON Semiconductor LC87FBG08A Datasheet HTML 19Page - ON Semiconductor LC87FBG08A Datasheet HTML 20Page - ON Semiconductor LC87FBG08A Datasheet HTML 21Page - ON Semiconductor LC87FBG08A Datasheet HTML 22Page - ON Semiconductor LC87FBG08A Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LC87FBG08A
No.A2046-19/30
AD Converter Characteristics
at VSS1 = 0V
<12bits AD Converter Mode/Ta = -40
°C to +85°C >
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Resolution
N
AN0(P00) to
AN6(P06),
AN8(P70)
1.8 to 5.5
12
bit
Absolute
accuracy
ET
(Note 6-1)
2.7 to 5.5
±16
LSB
1.8 to 5.5
±20
Conversion time
TCAD
• See Conversion time calculation
formulas. (Note 6-2)
2.7 to 5.5
32
115
μs
2.2 to 5.5
134
215
1.8 to 5.5
400
430
Analog input
voltage range
VAIN
1.8 to 5.5
VSS
VDD
V
Analog port
input current
IAINH
VAIN=VDD
1.8 to 5.5
1
μA
IAINL
VAIN=VSS
1.8 to 5.5
-1
<8bits AD Converter Mode/Ta = -40
°C to +85°C >
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Resolution
N
AN0(P00) to
AN6(P06),
AN8(P70)
1.8 to 5.5
8
bit
Absolute
accuracy
ET
(Note 6-1)
1.8 to 5.5
±1.5
LSB
Conversion time
TCAD
• See Conversion time calculation
formulas. (Note 6-2)
2.7 to 5.5
20
90
μs
2.2 to 5.5
80
135
1.8 to 5.5
245
265
Analog input
voltage range
VAIN
1.8 to 5.5
VSS
VDD
V
Analog port
input current
IAINH
VAIN=VDD
1.8 to 5.5
1
μA
IAINL
VAIN=VSS
1.8 to 5.5
-1
Conversion time calculation formulas:
12bits AD Converter Mode: TCAD(Conversion time) = ((52/(AD division ratio))+2)
×(1/3)×tCYC
8bits AD Converter Mode: TCAD(Conversion time) = ((32/(AD division ratio))+2)
×(1/3)×tCYC
External
oscillation
(FmCF)
Operating supply
voltage range
(VDD)
System division ratio
(SYSDIV)
Cycle time
(tCYC)
AD division
ratio
(ADDIV)
AD conversion time
(TCAD)
12bit AD
8bit AD
CF-12MHz
2.7V to 5.5V
1/1
250ns
1/8
34.8
μs
21.5
μs
CF-8MHz
2.7V to 5.5V
1/1
375ns
1/8
52.25
μs
32.25
μs
2.2V to 5.5V
1/1
375ns
1/32
208.25
μs
128.25
μs
CF-4MHz
2.7V to 5.5V
1/1
750ns
1/8
104.5
μs
64.5
μs
2.2V to 5.5V
1/1
750ns
1/16
208.5
μs
128.5
μs
1.8V to 5.5V
1/1
750ns
1/32
416.5
μs
256.5
μs
Note 6-1: The quantization error (±1/2LSB) must be excluded from the absolute accuracy. The absolute accuracy must
be measured in the microcontroller's state in which no I/O operations occur at the pins adjacent to the analog
input channel.
Note 6-2: The conversion time refers to the period from the time an instruction for starting a conversion process till the
time the conversion results register(s) are loaded with a complete digital conversion value corresponding to
the analog input value.
The conversion time is 2 times the normal-time conversion time when:
• The first AD conversion is performed in the 12-bit AD conversion mode after a system reset.
• The first AD conversion is performed after the AD conversion mode is switched from 8-bit to 12-bit
conversion mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com