Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 20 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 20 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 16Page - ON Semiconductor LC87FBG08A Datasheet HTML 17Page - ON Semiconductor LC87FBG08A Datasheet HTML 18Page - ON Semiconductor LC87FBG08A Datasheet HTML 19Page - ON Semiconductor LC87FBG08A Datasheet HTML 20Page - ON Semiconductor LC87FBG08A Datasheet HTML 21Page - ON Semiconductor LC87FBG08A Datasheet HTML 22Page - ON Semiconductor LC87FBG08A Datasheet HTML 23Page - ON Semiconductor LC87FBG08A Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LC87FBG08A
No.A2046-20/30
Reference voltage (VREF17) Characteristics
at Ta = -40
°C to +85°C, VSS1 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Output voltage
VOVREF
2.0 to 5.5
1.67
1.75
1.83
V
Reference voltage operation
current (Note 7-1)
IDDVREF
2.0 to 5.5
110
μA
Operation stabilization time
(Note 7-2)
tVRW
2.0 to 5.5
100
μs
Note 7-1: IDDVREF denotes the currents that only flow to multivariable RC oscillator circuit’s reference voltage circuit.
Note 7-2: tVRW denotes the stabilization time from starting multivariable RC oscillator.
Power-on Reset (POR) Characteristics
at Ta = -40
°C to +85°C, VSS1 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
Option selected
voltage
min
typ
max
unit
POR release
voltage
PORRL
• Select from option.
(Note 8-1)
1.67V
1.55
1.66
1.77
V
1.97V
1.85
1.96
2.07
2.07V
1.93
2.05
2.17
2.37V
2.23
2.35
2.47
2.57V
2.43
2.55
2.67
2.87V
2.71
2.85
2.99
3.86V
3.65
3.83
4.00
4.35V
4.12
4.32
4.50
Detection voltage
unknown state
POUKS
• See Fig. 7.
(Note 8-2)
0.7
0.95
Power supply rise
time
PORIS
• Power supply rise
time from 0V to 1.6V.
100
ms
Note8-1: The POR release level can be selected out of 8 levels only when the LVD reset function is disabled.
Note8-2: POR is in an unknown state before transistors start operation.
Low Voltage Detection Reset (LVD) Characteristics
at Ta = -40
°C to +85°C, VSS1=0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
Option selected
voltage
min
typ
max
unit
LVD reset voltage
(Note 9-2)
LVDET
• Select from option.
(Note 9-1)
(Note 9-3)
• See Fig. 8.
1.91V
1.81
1.91
2.01
V
2.01V
1.90
2.00
2.10
2.31V
2.20
2.30
2.40
2.51V
2.40
2.50
2.60
2.81V
2.68
2.80
2.92
3.79V
3.62
3.78
3.94
4.28V
4.09
4.27
4.45
LVD hysteresis width
LVHYS
1.91V
50
mV
2.01V
50
2.31V
50
2.51V
50
2.81V
50
3.79V
50
4.28V
50
Detection voltage
unknown state
LVUKS
• See Fig. 8.
(Note 9-4)
0.7
0.95
V
Low voltage detection
minimum width
(Reply sensitivity)
TLVDW
• LVDET-0.5V
• See Fig. 9.
0.2
ms
Note9-1: The LVD reset level can be selected out of 7 levels only when the LVD reset function is enabled.
Note9-2: LVD reset voltage specification values do not include hysteresis voltage.
Note9-3: LVD reset voltage may exceed its specification values when port output state changes and/or when a large
current flows through port.
Note9-4: LVD is in an unknown state before transistors start operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com