Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 17 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 17 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 13Page - ON Semiconductor LC87FBG08A Datasheet HTML 14Page - ON Semiconductor LC87FBG08A Datasheet HTML 15Page - ON Semiconductor LC87FBG08A Datasheet HTML 16Page - ON Semiconductor LC87FBG08A Datasheet HTML 17Page - ON Semiconductor LC87FBG08A Datasheet HTML 18Page - ON Semiconductor LC87FBG08A Datasheet HTML 19Page - ON Semiconductor LC87FBG08A Datasheet HTML 20Page - ON Semiconductor LC87FBG08A Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LC87FBG08A
No.A2046-17/30
SIO0 Serial I/O Characteristics
at Ta = -40
°C to +85°C, VSS1 = 0V (Note 4-1-1)
Parameter
Symbol
Pin/
Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Frequency
tSCK(1)
SCK0(P12)
• See Fig. 5.
1.8 to 5.5
2
tCYC
Low level
pulse width
tSCKL(1)
1
High level
pulse width
tSCKH(1)
1
tSCKHA(1)
• Continuous data
transmission/reception mode
• See Fig. 5.
(Note 4-1-2)
4
Frequency
tSCK(2)
SCK0(P12)
• CMOS output selected
• See Fig. 5.
1.8 to 5.5
4/3
Low level
pulse width
tSCKL(2)
1/2
tSCK
High level
pulse width
tSCKH(2)
1/2
tSCKHA(2)
• Continuous data
transmission/reception mode
• CMOS output selected
• See Fig. 5.
tSCKH(2)
+2tCYC
tSCKH(2)
+(10/3)
tCYC
tCYC
Data setup time
tsDI(1)
SB0(P11),
SI0(P11)
• Must be specified with
respect to rising edge of
SIOCLK.
• See Fig. 5.
1.8 to 5.5
0.05
μs
Data hold time
thDI(1)
0.05
Output delay
time
tdD0(1)
SO0(P10),
SB0(P11)
• Continuous data
transmission/reception mode
(Note 4-1-3)
1.8 to 5.5
(1/3)tCYC
+0.08
tdD0(2)
• Synchronous 8-bit mode
(Note 4-1-3)
1tCYC
+0.08
tdD0(3)
(Note 4-1-3)
(1/3)tCYC
+0.08
Note 4-1-1: These specifications are theoretical values. Add margin depending on its use.
Note 4-1-2: To use serial-clock-input in continuous trans/rec mode, a time from SI0RUN being set when serial clock is
"H" to the first negative edge of the serial clock must be longer than tSCKHA.
Note 4-1-3: Must be specified with respect to falling edge of SIOCLK. Must be specified as the time to the beginning of
output state change in open drain output mode. See Fig. 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com