Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 18 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 18 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 14Page - ON Semiconductor LC87FBG08A Datasheet HTML 15Page - ON Semiconductor LC87FBG08A Datasheet HTML 16Page - ON Semiconductor LC87FBG08A Datasheet HTML 17Page - ON Semiconductor LC87FBG08A Datasheet HTML 18Page - ON Semiconductor LC87FBG08A Datasheet HTML 19Page - ON Semiconductor LC87FBG08A Datasheet HTML 20Page - ON Semiconductor LC87FBG08A Datasheet HTML 21Page - ON Semiconductor LC87FBG08A Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LC87FBG08A
No.A2046-18/30
SIO1 Serial I/O Characteristics
at Ta = -40
°C to +85°C, VSS1 = 0V (Note 4-2-1)
Parameter
Symbol
Pin/
Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Frequency
tSCK(3)
SCK1(P15)
• See Fig. 5.
1.8 to 5.5
2
tCYC
Low level
pulse width
tSCKL(3)
1
High level
pulse width
tSCKH(3)
1
Frequency
tSCK(4)
SCK1(P15)
• CMOS output selected
• See Fig. 5.
1.8 to 5.5
2
Low level
pulse width
tSCKL(4)
1/2
tSCK
High level
pulse width
tSCKH(4)
1/2
Data setup time
tsDI(2)
SI1(P14),
SB1(P14)
• Must be specified with
respect to rising edge of
SIOCLK.
• See Fig. 5.
1.8 to 5.5
(1/3)tCYC
+0.01
μs
Data hold time
thDI(2)
0.01
Output delay time
tdD0(4)
SO1(P13),
SB1(P14)
• Must be specified with respect to
falling edge of SIOCLK.
• Must be specified as the time to
the beginning of output state
change in open drain output
mode.
• See Fig. 5.
1.8 to 5.5
(1/2)tCYC
+0.05
Note 4-2-1: These specifications are theoretical values. Add margin depending on its use.
Pulse Input Conditions
at Ta = -40
°C to +85°C, VSS1 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
High/low level
pulse width
tPIH(1)
tPIL(1)
INT0(P70),
INT1(P17),
INT2(P16),
INT4(P20 to P21)
• Interrupt source flag can be set.
• Event inputs for timer 0 or 1 are
enabled.
1.8 to 5.5
1
tCYC
tPIH(2)
tPIL(2)
INT3(P15) when noise
filter time constant is
1/1
• Interrupt source flag can be set.
• Event inputs for timer 0 are
enabled.
1.8 to 5.5
2
tPIH(3)
tPIL(3)
INT3(P15) when noise
filter time constant is
1/32
• Interrupt source flag can be set.
• Event inputs for timer 0 are
nabled.
1.8 to 5.5
64
tPIH(4)
tPIL(4)
INT3(P15) when noise
filter time constant is
1/128
• Interrupt source flag can be set.
• Event inputs for timer 0 are
enabled.
1.8 to 5.5
256
tPIL(5)
RES
• Resetting is enabled.
1.8 to 5.5
200
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com