Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 14 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 14 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 10Page - ON Semiconductor LC87FBG08A Datasheet HTML 11Page - ON Semiconductor LC87FBG08A Datasheet HTML 12Page - ON Semiconductor LC87FBG08A Datasheet HTML 13Page - ON Semiconductor LC87FBG08A Datasheet HTML 14Page - ON Semiconductor LC87FBG08A Datasheet HTML 15Page - ON Semiconductor LC87FBG08A Datasheet HTML 16Page - ON Semiconductor LC87FBG08A Datasheet HTML 17Page - ON Semiconductor LC87FBG08A Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LC87FBG08A
No.A2046-14/30
Allowable Operating Conditions
at Ta = -40
°C to +85°C, VSS1 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Operating
supply voltage
(Note 2-1)
VDD(1)
VDD1
0.245
μs ≤ tCYC ≤ 200μs
2.7
5.5
V
VDD(2)
0.294
μs ≤ tCYC ≤ 200μs
2.2
5.5
VDD(3)
0.735
μs ≤ tCYC ≤ 200μs
1.8
5.5
Memory
sustaining
supply voltage
VHD
VDD1
RAM and register contents sustained
in HOLD mode.
1.6
High level
input voltage
VIH(1)
Ports 1, 2, 7
1.8 to 5.5
0.3VDD+0.7
VDD
VIH(2)
Ports 0
1.8 to 5.5
0.3VDD+0.7
VDD
VIH(3)
CF1, CF2, RES
1.8 to 5.5
0.75VDD
VDD
Low level
input voltage
VIL(1)
Ports 1, 2, 7
4.0 to 5.5
VSS
0.1VDD+0.4
1.8 to 4.0
VSS
0.2VDD
VIL(2)
Ports 0
4.0 to 5.5
VSS
0.15VDD+0.4
1.8 to 4.0
VSS
0.2VDD
VIL(3)
CF1, CF2, RES
1.8 to 5.5
VSS
0.25VDD
High level
output current
IOH(1)
Ports 0, 1, 2
Per 1 applicable pin
4.5 to 5.5
-1.0
mA
IOH(2)
2.7 to 4.5
-0.35
IOH(3)
1.8 to 2.7
-0.15
IOH(4)
P05 (System clock
output function
used)
Per 1 applicable pin
4.5 to 5.5
-6.0
IOH(5)
2.7 to 4.5
-1.4
IOH(6)
1.8 to 2.7
-0.8
IOH(1)
Ports 0, 1, 2
Total of all applicable pins
4.5 to 5.5
-25
IOH(2)
2.7 to 4.5
-8.0
IOH(3)
1.8 to 2.7
-3.5
Low level
output current
IOL(1)
Ports 0, 1, 2
Per 1 applicable pin
4.5 to 5.5
7
IOL(2)
2.7 to 4.5
1
IOL(3)
1.8 to 2.7
0.5
IOL(4)
P70, CF2
Per 1 applicable pin
2.7 to 5.5
1
IOL(5)
1.8 to 2.7
0.5
IOL(6)
P00, P01
Per 1 applicable pin
4.5 to 5.5
15
IOL(7)
2.7 to 4.5
2
IOL(8)
1.8 to 2.7
1
IOL(1)
Ports 0
Total of all applicable pins
4.5 to 5.5
40
IOL(2)
2.7 to 4.5
10
IOL(3)
1.8 to 2.7
5
IOL(4)
Ports 0, 1, 2, CF2
Total of all applicable pins
4.5 to 5.5
70
IOL(5)
2.7 to 4.5
21
IOL(6)
1.8 to 2.7
10.5
IOL(7)
Ports 7
Total of all applicable pins
2.7 to 5.5
1
IOL(8)
1.8 to 2.7
0.5
Instruction
cycle time
(Note 2-2)
tCYC
2.7 to 5.5
0.245
200
μs
2.2 to 5.5
0.294
200
1.8 to 5.5
0.735
200
External
system clock
frequency
FEXCF
CF1
• CF2 pin open
• System clock frequency division
ratio=1/1
• External system clock duty=50±5%
2.7 to 5.5
0.1
12
MHz
1.8 to 5.5
0.1
4
• CF2 pin open
• System clock frequency division
ratio=1/2
• External system clock duty=50±5%
3.0 to 5.5
0.2
24.4
2.0 to 5.5
0.2
8
Note 2-1: VDD must be held greater than or equal to 2.2V in the flash ROM onboard programming mode.
Note 2-2: Relationship between tCYC and oscillation frequency is 3/FmCF at a division ratio of 1/1 and 6/FmCF at a
division ratio of 1/2.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com