Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 16 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 16 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 12Page - ON Semiconductor LC87FBG08A Datasheet HTML 13Page - ON Semiconductor LC87FBG08A Datasheet HTML 14Page - ON Semiconductor LC87FBG08A Datasheet HTML 15Page - ON Semiconductor LC87FBG08A Datasheet HTML 16Page - ON Semiconductor LC87FBG08A Datasheet HTML 17Page - ON Semiconductor LC87FBG08A Datasheet HTML 18Page - ON Semiconductor LC87FBG08A Datasheet HTML 19Page - ON Semiconductor LC87FBG08A Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LC87FBG08A
No.A2046-16/30
Electrical Characteristics
at Ta = -40
°C to +85°C, VSS1 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
High level input
current
IIH(1)
Ports 0, 1, 2,
P70, RES
Output disabled
Pull-up resistor off
VIN=VDD
(Including output Tr's off leakage
current)
1.8 to 5.5
1
μA
IIH(2)
CF1, CF2
Input port selected
VIN=VDD
1.8 to 5.5
1
IIH(3)
CF1
Reset state
VIN=VDD
1.8 to 5.5
15
Low level input
current
IIL(1)
Ports 0, 1, 2,
P70, RES
Output disabled
Pull-up resistor off
VIN=VSS
(Including output Tr's off leakage
current)
1.8 to 5.5
-1
IIL(2)
CF1, CF2
Input port selected
VIN=VSS
1.8 to 5.5
-1
High level output
voltage
VOH(1)
Ports 0, 1, 2
IOH=-1mA
4.5 to 5.5
VDD-1
V
VOH(2)
IOH=-0.35mA
2.7 to 5.5
VDD-0.4
VOH(3)
IOH=-0.15mA
1.8 to 5.5
VDD-0.4
VOH(4)
P05 (System
clock output
function used)
IOH=-6mA
4.5 to 5.5
VDD-1
VOH(5)
IOH=-1.4mA
2.7 to 5.5
VDD-0.4
VOH(6)
IOH=-0.8mA
1.8 to 5.5
VDD-0.4
Low level output
voltage
VOL(1)
Ports 0, 1, 2
IOL=7mA
4.5 to 5.5
1.5
VOL(2)
IOL=1mA
2.7 to 5.5
0.4
VOL(3)
IOL=0.5mA
1.8 to 5.5
0.4
VOL(4)
P70, CF2
IOL=1mA
2.7 to 5.5
0.4
VOL(5)
IOL=0.5mA
1.8 to 5.5
0.4
VOL(6)
P00, P01
IOL=15mA
4.5 to 5.5
1.5
VOL(7)
IOL=2mA
2.7 to 5.5
0.4
VOL(8)
IOL=1mA
1.8 to 5.5
0.4
Pull-up resistance
Rpu(1)
Ports 0, 1, 2
P70
VOH=0.9VDD
When Port 0 selected
low-impedance pull-up.
4.5 to 5.5
15
35
80
k
Ω
Rpu(2)
1.8 to 4.5
18
50
230
Rpu(3)
Port 0
VOH=0.9VDD
When Port 0 selected
high-impedance pull-up.
1.8 to 5.5
100
200
400
Hysteresis voltage
VHYS(1)
Ports 1, 2, P70,
RES
2.7 to 5.5
0.1VDD
V
VHYS(2)
1.8 to 2.7
0.07VDD
Pin capacitance
CP
All pins
For pins other than that under test:
VIN=VSS
f=1MHz
Ta=25
°C
1.8 to 5.5
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com