Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 22 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 22 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 18Page - ON Semiconductor LC87FBG08A Datasheet HTML 19Page - ON Semiconductor LC87FBG08A Datasheet HTML 20Page - ON Semiconductor LC87FBG08A Datasheet HTML 21Page - ON Semiconductor LC87FBG08A Datasheet HTML 22Page - ON Semiconductor LC87FBG08A Datasheet HTML 23Page - ON Semiconductor LC87FBG08A Datasheet HTML 24Page - ON Semiconductor LC87FBG08A Datasheet HTML 25Page - ON Semiconductor LC87FBG08A Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LC87FBG08A
No.A2046-22/30
Continued from preceding page.
Parameter
Symbol
Pin/
Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Normal mode
consumption
current
(Note 10-1)
(Note 10-2)
IDDOP(10)
VDD1
• FsX’tal=32.768kHz crystal oscillation mode
• System clock set to 32.768kHz side
• Internal low speed and medium speed RC
oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/2 frequency division ratio
1.8 to 5.5
34
97
μA
1.8 to 3.6
14
44
IDDOP(11)
• FsX’tal=32.768kHz crystal oscillation mode
• System clock set to 32.768kHz side
• Internal low speed and medium speed RC
oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/2 frequency division ratio
• Ta=-10 to +50°C
5.0
34
88
3.3
14
36
2.5
9.1
22
HALT mode
consumption
current
(Note 10-1)
(Note 10-2)
IDDHALT(1)
• HALT mode
• FmCF=12MHz ceramic oscillation mode
• System clock set to 12MHz side
• Internal low speed and medium speed RC
oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/1 frequency division ratio
2.7 to 5.5
2.6
4.8
mA
2.7 to 3.6
1.4
2.4
IDDHALT(2)
• HALT mode
• CF1=24MHz external clock
• System clock set to CF1 side
• Internal low speed and medium speed RC
oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/2 frequency division ratio
3.0 to 5.5
2.7
5.3
3.0 to 3.6
1.6
2.9
IDDHALT(3)
• HALT mode
• FmCF=10MHz ceramic oscillation mode
• System clock set to 10MHz side
• Internal low speed and medium speed RC
oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/1 frequency division ratio
2.2 to 5.5
2.2
4.3
2.2 to 3.6
1.2
2.2
IDDHALT(4)
• HALT mode
• FmCF=4MHz ceramic oscillation mode
• System clock set to 4MHz side
• Internal low speed and medium speed RC
oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/1 frequency division ratio
1.8 to 5.5
1.3
3.3
1.8 to 3.6
0.56
1.2
IDDHALT(5)
• HALT mode
• CF oscillation low amplifier size selected.
(CFLAMP=1)
• FmCF=4MHz ceramic oscillation mode
• System clock set to 4MHz side
• Internal low speed and medium speed RC
oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/4 frequency division ratio
2.2 to 5.5
0.74
1.8
2.2 to 3.6
0.34
0.68
IDDHALT(6)
• HALT mode
• FsX’tal=32.768kHz crystal oscillation mode
• Internal low speed RC oscillation stopped.
• System clock set to internal medium speed
RC oscillation
• Frequency variable RC oscillation stopped.
• 1/2 frequency division ratio
1.8 to 5.5
0.32
0.90
1.8 to 3.6
0.21
0.44
Note10-1: Values of the consumption current do not include current that flows into the output transistors and internal
pull-up resistors.
Note10-2: The consumption current values do not include operational current of LVD function if not specified.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com