Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 25 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 25 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 21Page - ON Semiconductor LC87FBG08A Datasheet HTML 22Page - ON Semiconductor LC87FBG08A Datasheet HTML 23Page - ON Semiconductor LC87FBG08A Datasheet HTML 24Page - ON Semiconductor LC87FBG08A Datasheet HTML 25Page - ON Semiconductor LC87FBG08A Datasheet HTML 26Page - ON Semiconductor LC87FBG08A Datasheet HTML 27Page - ON Semiconductor LC87FBG08A Datasheet HTML 28Page - ON Semiconductor LC87FBG08A Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LC87FBG08A
No.A2046-25/30
Characteristics of a Sample Main System Clock Oscillation Circuit
Given below are the characteristics of a sample main system clock oscillation circuit that are measured using a Our
designated oscillation characteristics evaluation board and external components with circuit constant values with
which the oscillator vendor confirmed normal and stable oscillation.
Table 1 Characteristics of a Sample Main System Clock Oscillator Circuit with a Ceramic Oscillator
• CF oscillation normal amplifier size selected (CFLAMP=0)
MURATA
Nominal
Frequency
Type
Oscillator Name
Circuit Constant
Operating
Voltage
Range
[V]
Oscillation
Stabilization Time
Remarks
C1
[pF]
C2
[pF]
Rf
[
Ω]
Rd
[
Ω]
typ
[ms]
max
[ms]
12MHz
SMD
CSTCE12M0G52-R0
(10)
(10)
Open
680
2.6 to 5.5
0.02
0.3
Internal
C1, C2
10MHz
SMD
CSTCE10M0G52-R0
(10)
(10)
Open
680
2.1 to 5.5
0.02
0.3
LEAD
CSTLS10M0G53-B0
(15)
(15)
Open
680
2.4 to 5.5
0.02
0.3
CSTLS10M0G53095-B0
(15)
(15)
Open
680
2.0 to 5.5
0.01
0.15
8MHz
SMD
CSTCE8M00G52-R0
(10)
(10)
Open
1k
2.1 to 5.5
0.02
0.3
LEAD
CSTLS8M00G53-B0
(15)
(15)
Open
1k
2.2 to 5.5
0.02
0.3
CSTLS8M00G53095-B0
(15)
(15)
Open
1k
1.9 to 5.5
0.01
0.15
6MHz
SMD
CSTCR6M00G53-R0
(15)
(15)
Open
1.5k
2.0 to 5.5
0.02
0.3
CSTCR6M00G53093-R0
(15)
(15)
Open
1.5k
1.8 to 5.5
0.01
0.15
LEAD
CSTLS6M00G53-B0
(15)
(15)
Open
1.5k
2.0 to 5.5
0.02
0.3
CSTLS6M00G53095-B0
(15)
(15)
Open
1.5k
1.8 to 5.5
0.01
0.15
4MHz
SMD
CSTCR4M00G53-R0
(15)
(15)
Open
1.5k
1.8 to 5.5
0.03
0.45
LEAD
CSTLS4M00G53-B0
(15)
(15)
Open
1.5k
1.8 to 5.5
0.02
0.3
• CF oscillation low amplifier size selected (CFLAMP=1)
MURATA
Nominal
Frequency
Type
Oscillator Name
Circuit Constant
Operating
Voltage
Range
[V]
Oscillation
Stabilization Time
Remarks
C1
[pF]
C2
[pF]
Rf
[
Ω]
Rd
[
Ω]
typ
[ms]
max
[ms]
12MHz
SMD
CSTCE12M0G52-R0
(10)
(10)
Open
470
3.9 to 5.5
0.03
0.45
Internal
C1, C2
10MHz
SMD
CSTCE10M0G52-R0
(10)
(10)
Open
470
2.9 to 5.5
0.03
0.45
LEAD
CSTLS10M0G53-B0
(15)
(15)
Open
470
3.6 to 5.5
0.03
0.45
CSTLS10M0G53095-B0
(15)
(15)
Open
470
2.7 to 5.5
0.02
0.3
8MHz
SMD
CSTCE8M00G52-R0
(10)
(10)
Open
680
2.7 to 5.5
0.03
0.45
LEAD
CSTLS8M00G53-B0
(15)
(15)
Open
680
3.0 to 5.5
0.03
0.45
CSTLS8M00G53095-B0
(15)
(15)
Open
680
2.5 to 5.5
0.01
0.15
6MHz
SMD
CSTCR6M00G53-R0
(15)
(15)
Open
1k
2.6 to 5.5
0.03
0.45
CSTCR6M00G53095-R0
(15)
(15)
Open
1k
2.2 to 5.5
0.02
0.3
LEAD
CSTLS6M00G53-B0
(15)
(15)
Open
1k
2.7 to 5.5
0.03
0.45
CSTLS6M00G53095-B0
(15)
(15)
Open
1k
2.2 to 5.5
0.01
0.15
4MHz
SMD
CSTCR4M00G53-R0
(15)
(15)
Open
1k
2.1 to 5.5
0.04
0.6
CSTCR4M00G53095-R0
(15)
(15)
Open
1k
1.8 to 5.5
0.02
0.3
LEAD
CSTLS4M00G53-B0
(15)
(15)
Open
1k
2.1 to 5.5
0.02
0.3
CSTLS4M00G53095-B0
(15)
(15)
Open
1k
1.8 to 5.5
0.01
0.15
The oscillation stabilization time refers to the time interval that is required for the oscillation to get stabilized in
follwing cases (see Figure 3).
• The time interval that is required for the oscillation to get stabilized after the instruction for starting the mainclock
oscillation circuit is executed.
• The time interval that is required for the oscillation to get stabilized after the HOLD mode is reset and oscillation is
started.
• The time interval that is required for the oscillation to get stabilized after the X’tal Hold mode, under the state which
the main clock oscillation is enabled, is reset and oscillation is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com