Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 45 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 41Page - ON Semiconductor AX8052F151 Datasheet HTML 42Page - ON Semiconductor AX8052F151 Datasheet HTML 43Page - ON Semiconductor AX8052F151 Datasheet HTML 44Page - ON Semiconductor AX8052F151 Datasheet HTML 45Page - ON Semiconductor AX8052F151 Datasheet HTML 46Page - ON Semiconductor AX8052F151 Datasheet HTML 47Page - ON Semiconductor AX8052F151 Datasheet HTML 48Page - ON Semiconductor AX8052F151 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
Application Information
www.onsemi.com
AX8052F151
45
7.
Application Information
Connecting to Debug Adapter
GND
GND
VDDA
GND
ANTP
ANTN
GND
GND
RESET_N
DBG_EN
PB7
PB6
PB5
PB4
VDDA
PB3
AX8052F151
100pF
4.7uF
DBG_EN
DBG_RT_N
GND
DBG_CLK
DBG_DATA
GND
DBG_VDD
Jumper JP1
1
2
3
4
5
6
7
8
16 MHz XTAL
32 kHz XTAL
Debug adapter
connector
1uF
Figure 9 Typical application diagram with connection to the debug adapter
Short Jumper JP1-1 if it is desired to supply the target board from the Debug Adapter (50mA
max). Connect the bottom exposed pad of the AX8052F151 to ground.
If the debugger is not running, PB6 and PB7 are not driven by the Debug Adapter. If the debugger
is running, the PB6 and PB7 values that the software reads may be set using the Pin Emulation
feature of the debugger.
PB3 is driven by the debugger only to bring the AX8052F151 out of Deep Sleep. It is high
impedance otherwise.
The 32 kHz crystal is optional, the fast crystal at pins CLK16N and CLK16P is used as reference
frequency for the RF RX/TX. Crystal load capacitances should be chosen according to the crystal ‘s
datasheet. At pins CLK16N and CLK16P they the internal programmable capacitors may be used,
at pins PA3 and PA4 capacitors must be connected externally.
It is mandatory to add 1µF (low ESR) between VREG and GND.
Decoupling capacitors are not all drawn. It is recommended to add 100nF decoupling capacitor for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com