Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 41 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 41 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 37Page - ON Semiconductor AX8052F151 Datasheet HTML 38Page - ON Semiconductor AX8052F151 Datasheet HTML 39Page - ON Semiconductor AX8052F151 Datasheet HTML 40Page - ON Semiconductor AX8052F151 Datasheet HTML 41Page - ON Semiconductor AX8052F151 Datasheet HTML 42Page - ON Semiconductor AX8052F151 Datasheet HTML 43Page - ON Semiconductor AX8052F151 Datasheet HTML 44Page - ON Semiconductor AX8052F151 Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
Transceiver
www.onsemi.com
AX8052F151
41
The 802.15.4 is a universal DSSS mode, which can be used with any modulation or datarate as
long as it does not violate the maximum data rate of the modulation being used. Therefore the
maximum DSSS data rate is 16 kbps for FSK and 40 kbps for ASK and PSK.
6.7. RX AGC and RSSI
AX8052F151 features two receiver signal strength indicators (RSSI):
1. RSSI before the digital IF channel filter.
The gain of the receiver is adjusted in order to keep the analog IF filter output level inside
the working range of the ADC and demodulator. The register
AX5051_AGCCOUNTER
contains the current value of the AGC and can be used as an RSSI. The step size of this
RSSI is 0.625 dB. The value can be used as soon as the RF frequency generation sub-
system has been programmed.
2. RSSI behind the digital IF channel filter.
The demodulator also provides amplitude information in the
AX5051_TRK_AMPLITUDE
register. By combining both the
AX5051_AGCCOUNTER and the
AX5051_TRK_AMPLITUDE registers, a high resolution (better than 0.1dB) RSSI value
can be computed at the expense of a few arithmetic operations on the microcontroller.
Formulas for this computation can be found in the AX5051 Programming Manual.
6.8. Modulator
Depending on the transmitter settings the modulator generates various inputs for the PA:
Modulation
Bit = 0
Bit = 1
Main Lobe
Bandwidth
Max. Bitrate
ASK
PA off
PA on
BW=BITRATE
600kBit/s
FSK / MSK
∆
f=-fdeviation
∆
f=+fdeviation
BW=(1+h) ⋅BITRATE
350kBit/s
PSK
∆Φ
=00
∆Φ
=1800
BW=BITRATE
600kBit/s
h
= modulation index. It is the ratio of the deviation compared to the bit-rate;
fdeviation= 0.5⋅h⋅BITRATE, AX8052F151 can demodulate signals with h < 32.
ASK
= amplitude shift keying
FSK
= frequency shift keying
MSK
= minimum shift keying; MSK is a special case of FSK, where h = 0.5, and therefore
fdeviation = 0.25⋅BITRATE; the advantage of MSK over FSK is that it can be demodulated
more robustly.
PSK
= phase shift keying
OQPSK
= offset quadrature shift keying. The AX8052F151 supports OQPSK. However, unless
compatibility to an existing system is required, MSK should be preferred.
All modulation schemes are binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com