Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 14Page - ON Semiconductor AX8052F151 Datasheet HTML 15Page - ON Semiconductor AX8052F151 Datasheet HTML 16Page - ON Semiconductor AX8052F151 Datasheet HTML 17Page - ON Semiconductor AX8052F151 Datasheet HTML 18Page - ON Semiconductor AX8052F151 Datasheet HTML 19Page - ON Semiconductor AX8052F151 Datasheet HTML 20Page - ON Semiconductor AX8052F151 Datasheet HTML 21Page - ON Semiconductor AX8052F151 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Specifications
www.onsemi.com
AX8052F151
18
Tstart4
Loop filter configuration:
FLT=10
Charge pump current:
PLLCPI=010
5
PN8681
Synthesizer phase noise
Loop filter configuration:
FLT=01
Charge pump current:
PLLCPI=010
VCO current: VCO_I=001
868 MHz, 50 kHz from carrier
-85
dBc/Hz
868 MHz, 100 kHz from
carrier
-90
868 MHz, 300 kHz from
carrier
-100
868 MHz, 2 MHz from carrier
-110
PN4331
433 MHz, 50 kHz from carrier
-90
433 MHz, 100 kHz from
carrier
-95
433 MHz, 300 kHz from
carrier
-105
433 MHz, 2 MHz from carrier
-115
PN8682
Synthesizer phase noise
Loop filter configuration:
FLT=01
Charge pump current:
PLLCPI=001
VCO current: VCO_I=001
868 MHz, 50 kHz from carrier
-80
dBc/Hz
868 MHz, 100 kHz from
carrier
-90
868 MHz, 300 kHz from
carrier
-105
868 MHz, 2 MHz from carrier
-115
PN4332
433 MHz, 50 kHz from carrier
-90
433 MHz, 100 kHz from
carrier
-95
433 MHz, 300 kHz from
carrier
-110
433 MHz, 2 MHz from carrier
-122
Notes:
1.
ASK, PSK and 1-200 kbps FSK with 16 MHz crystal, 200-350 kbps FSK with 24 MHz crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com