Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 27 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 23Page - ON Semiconductor AX8052F151 Datasheet HTML 24Page - ON Semiconductor AX8052F151 Datasheet HTML 25Page - ON Semiconductor AX8052F151 Datasheet HTML 26Page - ON Semiconductor AX8052F151 Datasheet HTML 27Page - ON Semiconductor AX8052F151 Datasheet HTML 28Page - ON Semiconductor AX8052F151 Datasheet HTML 29Page - ON Semiconductor AX8052F151 Datasheet HTML 30Page - ON Semiconductor AX8052F151 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
Circuit Description
www.onsemi.com
AX8052F151
27
The AX8052 uses P or Code Space to access its program. Code space may also be read using the
MOVC
instruction.
Smaller amounts of data can be placed in the Internal3 or Data Space. A distinction is made in the
upper half of the Data Space between direct accesses (MOV reg,addr; MOV addr,reg) and indirect
accesses (MOV reg,@Ri; MOV @Ri,reg; PUSH; POP); Direct accesses are routed to the Special Function
Registers, while indirect accesses are routed to the internal RAM.
Large amounts of data can be placed in the External or X Space. It can be accessed using the
MOVX
instructions. Special Function Registers, as well as additional Microcontroller Registers
(XREG) and the Radio Registers (RREG) are also mapped into the X Space.
Detailed documentation of the Special Function Registers (SFR) and additional Microcontroller
Registers can be found in the AX8052 Programming Manual.
The Radio Registers are documented in the AX5051 Programming Manual. Register Addresses
given in the AX5051 Programming Manual are relative to the beginning of RREG, i.e. 0x4000 must
be added to these addresses. It is recommended that the Axsem provided ax8052f151.h header file
is used; Radio Registers are prefixed with AX5051_ in the ax8052f151.h header file to avoid clashes
of same-name Radio registers with AX8052 registers.
Normally, accessing Radio Registers through the RREG address range is adequate. Since Radio
Register accesses have a higher latency than other AX8052 registers, the AX8052 provides a
method for non-blocking access to the Radio Registers. Accessing the RREG (nb) address range
initiates a Radio Register access, but does not wait for its completion. The details of mechanism is
documented in the Radio Interface section of the AX8052 Programming Manual.
The FLASH memory is organized as 64 pages of 1 kBytes each. Each page can be individually
erased. The write word size is 16 Bits. The last 1 kByte page is dedicated to factory calibration
data and should not be overwritten.
Power Management
The microcontroller power mode can be selected independently from the transceiver. The
microcontroller supports the following power modes:
PCON
register
Name
Description
00
RUNNING
The microcontroller and all peripherals are running. Current consumption depends on
the system clock frequency and the enabled peripherals and their clock frequency.
01
STANDBY
The microcontroller is stopped. All register and memory contents are retained. All
peripherals continue to function normally. Current consumption is determined by the
enabled peripherals. STANDBY is exited when any of the enabled interrupts become
active.
10
SLEEP
The microcontroller and its peripherals, except GPIO and the system controller, are
shut down. Their register settings are lost. The internal RAM is retained. The external
RAM is split into two 4kByte blocks. Software can determine individually for both
blocks whether contents of that block are to be retained or lost. SLEEP can be exited
3 The origin of Internal versus External (X) Space is historical. External Space used to be outside of
the chip on the original 8052 Microcontrollers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com