Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 35 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 31Page - ON Semiconductor AX8052F151 Datasheet HTML 32Page - ON Semiconductor AX8052F151 Datasheet HTML 33Page - ON Semiconductor AX8052F151 Datasheet HTML 34Page - ON Semiconductor AX8052F151 Datasheet HTML 35Page - ON Semiconductor AX8052F151 Datasheet HTML 36Page - ON Semiconductor AX8052F151 Datasheet HTML 37Page - ON Semiconductor AX8052F151 Datasheet HTML 38Page - ON Semiconductor AX8052F151 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
Transceiver
www.onsemi.com
AX8052F151
35
6.
Transceiver
The transceiver block is controllable through its registers, which are mapped into the X data space
of
the microcontroller. The transceiver block features its own 4 word × 10 bit FIFO. The
microcontroller can either be interrupted at a programmable FIFO fill level, or one of the DMA
channels can be instructed to transfer between XRAM and the transceiver FIFO.
6.1. RF Frequency Generation Subsystem
The RF frequency generation subsystem consists of a fully integrated synthesizer, which multiplies
the reference frequency from the crystal oscillator to get the desired RF frequency. The advanced
architecture of the synthesizer enables frequency resolutions of 1 Hz, as well as fast settling times
of 5 – 50 µs depending on the settings (see section 4.3: AC Characteristics). Fast settling times
mean fast start-up and fast RX/TX switching, enabling low-power system design.
For receive operation the RF frequency is fed to the mixer, for transmit operation to the power-
amplifier.
The frequency must be programmed to the desired carrier frequency. The RF frequency shift by
the IF frequency that is required for RX operation, is automatically set when the receiver is
activated and does not need to be programmed by the user. The default IF frequency is 1 MHz. It
can be programmed to other values. Changing the IF frequency and thus the centre frequency of
the digital channel filter can be used to adapt the blocking performance of the device to specific
system requirements.
The synthesizer loop bandwidth can be programmed. This serves three purposes:
1. Start-up time optimization, start-up is faster for higher synthesizer loop bandwidths
2. TX spectrum optimization, phase-noise at 300 kHz to 1 MHz distance from the carrier
improves with lower synthesizer loop bandwidths
3. Adaptation of the bandwidth to the data-rate. For transmission of FSK and MSK it is
required that the synthesizer bandwidth must be in the order of the data-rate.
VCO
An on-chip VCO converts the control voltage generated by the charge pump and loop filter into an
output frequency. This frequency is used for transmit as well as for receive operation. The
frequency can be programmed in 1 Hz steps in the
AX5051_FREQ registers. For operation in the
433 MHz band, the BANDSEL bit in the
AX5051_PLLLOOP register must be programmed.
VCO Auto-Ranging
The AX8052F151 has an integrated auto-ranging function, which allows to set the correct VCO
range for specific frequency generation subsystem settings automatically. Typically it has to be
executed after power-up. The function is initiated by setting the RNG_START bit in the
AX5051_PLLRANGING register. The bit is readable and a 0 indicates the end of the ranging
process. The RNGERR bit indicates the correct execution of the auto-ranging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com