Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 6 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 2Page - ON Semiconductor AX8052F151 Datasheet HTML 3Page - ON Semiconductor AX8052F151 Datasheet HTML 4Page - ON Semiconductor AX8052F151 Datasheet HTML 5Page - ON Semiconductor AX8052F151 Datasheet HTML 6Page - ON Semiconductor AX8052F151 Datasheet HTML 7Page - ON Semiconductor AX8052F151 Datasheet HTML 8Page - ON Semiconductor AX8052F151 Datasheet HTML 9Page - ON Semiconductor AX8052F151 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Overview
www.onsemi.com
AX8052F151
6
o
Variable channel filtering from
40 kHz to 600 kHz
o
802.15.4 compatible
o
Few external components
o
Channel hopping up to 2000
hops/s
o
Sensitivity down to –116 dBm
at 1.2 kbps
o
Up to +16 dBm at 433 MHz
programmable transmitter
power amplifier for long range
operation
o
Crystal oscillator with
programmable
transconductance and
programmable internal tuning
capacitors for low cost crystals
o
Digital RSSI
o
Automatic frequency control
(AFC)
o
Integrated RX/TX switching
o
Differential antenna pins
o
Support of synchronous and
asynchronous communication
systems
1.2. Applications
400-470 MHz and 800-940 MHz data
transmission and reception in the Short
Range Devices (SRD) band.
•
Suited for systems targeting
compliance to EN 300 220
V2.3.1 and FCC CFR part 15
•
Suited for systems targeting
compliance with Wireless M-
Bus standard EN 13757-
4:2005
•
802.15.4 compatible
•
Telemetric applications, sensor
readout
•
Toys
•
Wireless audio
•
Automatic meter reading
•
Wireless networks
•
Access control
•
Remote keyless entry
•
Garage door openers
•
Home automation
•
Pointing devices and keyboards
•
Active RFID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com