Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 28 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 24Page - ON Semiconductor AX8052F151 Datasheet HTML 25Page - ON Semiconductor AX8052F151 Datasheet HTML 26Page - ON Semiconductor AX8052F151 Datasheet HTML 27Page - ON Semiconductor AX8052F151 Datasheet HTML 28Page - ON Semiconductor AX8052F151 Datasheet HTML 29Page - ON Semiconductor AX8052F151 Datasheet HTML 30Page - ON Semiconductor AX8052F151 Datasheet HTML 31Page - ON Semiconductor AX8052F151 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Circuit Description
www.onsemi.com
AX8052F151
28
by any of the enabled GPIO or system controller interrupts. For most applications this
will be a GPIO or wakeup timer interrupt.
11
DEEPSLEEP
The microcontroller, all peripherals and the transceiver are shut down. Only 4 bytes of
scratch RAM are retained. DEEPSLEEP can only be exited by tying the PB3 pin low.
Clocking
LPOSC
Calib
FRCOSC
Calib
Wakeup
Timer
WDT
Clock
Monitor
Prescaler
÷1,2,4,...
FRCOSC
XOSC
LPXOSC
LPOSC
Interrupt
Internal Reset
SYSCLK
System Clock
Figure 6 Clock System Diagram
The system clock can be derived from any of the following clock sources:
•
The crystal oscillator (RF reference oscillator, typically 16 MHz, via SYSCLK)
•
The low speed crystal oscillator (typical 32 kHz tuning fork)
•
The internal high speed RC (20 MHz) oscillator
•
The internal low power (640 Hz/10 kHz) oscillator
An additional pre-scaler allows the selected oscillator to be divided by a power of two. After reset,
the microcontroller starts with the internal high speed RC oscillator selected and divided by two.
I.e. at start-up, the microcontroller runs with 10 MHz ± 10%. Clocks may be switched any time by
writing to the CLKCON register. In order to prevent clock glitches, the switching takes
approximately 2·(T1+T2), where T1 and T2 are the periods of the old and the new clock. Switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com