Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 37 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 33Page - ON Semiconductor AX8052F151 Datasheet HTML 34Page - ON Semiconductor AX8052F151 Datasheet HTML 35Page - ON Semiconductor AX8052F151 Datasheet HTML 36Page - ON Semiconductor AX8052F151 Datasheet HTML 37Page - ON Semiconductor AX8052F151 Datasheet HTML 38Page - ON Semiconductor AX8052F151 Datasheet HTML 39Page - ON Semiconductor AX8052F151 Datasheet HTML 40Page - ON Semiconductor AX8052F151 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
Transceiver
www.onsemi.com
AX8052F151
37
6.2. RF Input and Output Stage (ANTP/ANTN)
The AX8052F151 uses fully differential antenna pins. RX/TX switching is handled internally. An
external RX/TX switch is not required.
LNA
The LNA amplifies the differential RF signal from the antenna and buffers it to drive the I/Q mixer.
An external matching network is used to adapt the antenna impedance to the IC impedance. A DC
feed to the regulated supply voltage VREG must be provided at the antenna pins. For
recommendations, see section see the applications section.
I/Q Mixer
The RF signal from the LNA is mixed down to an IF of typically 1 MHz. I- and Q-IF signals are
buffered for the analog IF filter.
PA
In TX mode the PA drives the signal generated by the frequency generation subsystem out to the
differential antenna terminals. The output power of the PA is programmed via bits TXRNG[3:0] in
the register
AX5051_TXPWR. Output power as well as harmonic content will depend on the
external impedance seen by the PA, recommendations are given in the applications section.
6.3. Analog IF Filter
The mixer is followed by a complex band-pass IF filter, which suppresses the down-mixed image
while the wanted signal is amplified. The center frequency of the filter is 1 MHz, with a passband
width of 1 MHz. The RF frequency generation subsystem must be programmed in such a way that
for all possible modulation schemes the IF frequency spectrum fits into the passband of the analog
filter.
6.4. Digital IF Channel Filter and Demodulator
The digital IF channel filter and the demodulator extract the data bit-stream from the incoming IF
signal. They must be programmed to match the modulation scheme as well as the data-rate.
Inaccurate programming will lead to loss of sensitivity.
The channel filter offers bandwidths of 40 kHz up to 600 kHz.
For detailed instructions how to program the digital channel filter and the demodulator see the
AX5051 Programming Manual, an overview of the registers involved is given in the following table.
The register setups typically must be done once at power-up of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com