Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 12Page - ON Semiconductor AX8052F151 Datasheet HTML 13Page - ON Semiconductor AX8052F151 Datasheet HTML 14Page - ON Semiconductor AX8052F151 Datasheet HTML 15Page - ON Semiconductor AX8052F151 Datasheet HTML 16Page - ON Semiconductor AX8052F151 Datasheet HTML 17Page - ON Semiconductor AX8052F151 Datasheet HTML 18Page - ON Semiconductor AX8052F151 Datasheet HTML 19Page - ON Semiconductor AX8052F151 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Specifications
www.onsemi.com
AX8052F151
16
4.3. AC Characteristics
Crystal Oscillator (RF reference oscillator)
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
fXTAL
Crystal frequency
Note 1, 3
15.5
16
25
MHz
gmosc
Transconductance
oscillator
AX5051_XTALOSCGM=0000
1
mS
AX5051_XTALOSCGM=0001
2
AX5051_XTALOSCGM =0010
default
3
AX5051_XTALOSCGM =0011
4
AX5051_XTALOSCGM =0100
5
AX5051_XTALOSCGM =0101
6
AX5051_XTALOSCGM =0110
6.5
AX5051_XTALOSCGM =0111
7
AX5051_XTALOSCGM =1000
7.5
AX5051_XTALOSCGM =1001
8
AX5051_XTALOSCGM =1010
8.5
AX5051_XTALOSCGM =1011
9
AX5051_XTALOSCGM =1100
9.5
AX5051_XTALOSCGM =1101
10
AX5051_XTALOSCGM =1110
10.5
AX5051_XTALOSCGM =1111
11
Cosc
Programmable
tuning capacitors at
pins CLK16N and
CLK16P
AX5051_XTALCAP=000000
default
2
pF
AX5051_XTALCAP=111111
33
pF
Cosc-lsb
Programmable
tuning capacitors,
increment per LSB
of AX5051_XTALCAP
0.5
pF
fext
External clock input
(TCXO)
Note 2, 3
15.5
16
25
MHz
RINosc
Input DC impedance
10
kΩ
Notes
1.
Tolerances and start-up times depend on the crystal used. Depending on the RF frequency and channel spacing the IC must be
calibrated to the exact crystal frequency using the readings of the register AX5051_TRKFREQ
2.
If an external clock is used, it should be input via an AC coupling at pin CLK16P with the oscillator powered up and
AX5051_XTALCAP=000000
3.
Lower frequencies than 15.5 MHz or higher frequencies than 25 MHz can be used. However not all typical RF frequencies can than be
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com