Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 44 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 40Page - ON Semiconductor AX8052F151 Datasheet HTML 41Page - ON Semiconductor AX8052F151 Datasheet HTML 42Page - ON Semiconductor AX8052F151 Datasheet HTML 43Page - ON Semiconductor AX8052F151 Datasheet HTML 44Page - ON Semiconductor AX8052F151 Datasheet HTML 45Page - ON Semiconductor AX8052F151 Datasheet HTML 46Page - ON Semiconductor AX8052F151 Datasheet HTML 47Page - ON Semiconductor AX8052F151 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
Transceiver
www.onsemi.com
AX8052F151
44
6.11. Voltage Regulator
The AX8052F151 transceiver uses its own dedicated on-chip voltage regulator to create a stable
supply voltage for the transceiver circuitry at pin VREG from the primary supply VDD_IO. All VDDA
pins of the device must be connected to VREG. The antenna pins ANTP and ANTN must be DC
biased to VREG. The I/O level of the digital pins is VDD_IO.
The voltage regulator requires a 1μF low ESR capacitor at pin VREG.
In power-down mode the voltage regulator typically outputs 1.7 V at VREG, if it is powered-up its
output rises to typically 2.5 V. At device power-up the regulator is in power-down mode.
The voltage regulator must be powered-up before receive or transmit operations can be initiated.
This is handled automatically when programming the device modes via the
AX5051_PWRMODE
register.
Register
VREG contains status bits that can be read to check if the regulated voltage is above 1.3
V or 2.3 V, sticky versions of the bits are provided that can be used to detect low power events
(brown-out detection).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com