Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 31 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 27Page - ON Semiconductor AX8052F151 Datasheet HTML 28Page - ON Semiconductor AX8052F151 Datasheet HTML 29Page - ON Semiconductor AX8052F151 Datasheet HTML 30Page - ON Semiconductor AX8052F151 Datasheet HTML 31Page - ON Semiconductor AX8052F151 Datasheet HTML 32Page - ON Semiconductor AX8052F151 Datasheet HTML 33Page - ON Semiconductor AX8052F151 Datasheet HTML 34Page - ON Semiconductor AX8052F151 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
Circuit Description
www.onsemi.com
AX8052F151
31
5.5. ADC, Analog Comparators and Temperature Sensor
Temperature
Sensor
ADC Core
Clock
Trigger
Gain
Ref
VREF
1V
VDDIO
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
PPP
NNN
One Shot
Free Running
Timer 0
Timer 1
Timer 2
PC4
ADC Result
ACOMP1REF
ACOMP1ST/PA7/PC1
ACOMP1IN
ACOMP1INV
ACOMP0IN
ACOMP0REF
ACOMP0INV
ACOMP0ST/PA4/PC3
System Clock
ADCCONV
Single Ended
0.5V
Figure 7 ADC Block Diagram
The AX8052F151 features a 10-bit, 500 kSample/s Analog to Digital converter. The ADC supports
both single ended and differential measurements. It uses an internal reference of 1 V. ×1, ×10
and ×0.1 gain modes are provided. The ADC may digitize signals on PA0…PA7, as well as VDD_IO
and an internal temperature sensor. The user can define four channels which are then converted
sequentially and stored in four separate result registers. Each channel configuration consists of the
multiplexer and the gain setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com