Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 43 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 43 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 39Page - ON Semiconductor AX8052F151 Datasheet HTML 40Page - ON Semiconductor AX8052F151 Datasheet HTML 41Page - ON Semiconductor AX8052F151 Datasheet HTML 42Page - ON Semiconductor AX8052F151 Datasheet HTML 43Page - ON Semiconductor AX8052F151 Datasheet HTML 44Page - ON Semiconductor AX8052F151 Datasheet HTML 45Page - ON Semiconductor AX8052F151 Datasheet HTML 46Page - ON Semiconductor AX8052F151 Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
Transceiver
www.onsemi.com
AX8052F151
43
A typical
AX5051_PWRMODE sequence for a transmit session:
Step
PWRMODE[3:0] Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3ms.
3
SYNTHTX
The synthesizer settling time is 5 – 50 μs depending on settings, see section AC
Characteristics
4
FULLTX
Data transmission
5
SYNTHTX
This step must be programmed after FULLTX mode, or the device will not
enter POWERDOWN or STANDBY mode.
6
POWERDOWN
A typical
AX5051_PWRMODE sequence for a receive session:
Step
PWRMODE[3:0] Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3ms
3
SYNTHRX
The synthesizer settling time is 5 – 50 μs depending on settings, see section AC
Characteristics
4
FULLRX
Data reception
5
POWERDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com