Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 40 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 40 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 36Page - ON Semiconductor AX8052F151 Datasheet HTML 37Page - ON Semiconductor AX8052F151 Datasheet HTML 38Page - ON Semiconductor AX8052F151 Datasheet HTML 39Page - ON Semiconductor AX8052F151 Datasheet HTML 40Page - ON Semiconductor AX8052F151 Datasheet HTML 41Page - ON Semiconductor AX8052F151 Datasheet HTML 42Page - ON Semiconductor AX8052F151 Datasheet HTML 43Page - ON Semiconductor AX8052F151 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Transceiver
www.onsemi.com
AX8052F151
40
HDLC Mode
Note: HDLC mode follows High-Level Data Link Control (HDLC, ISO 13239) protocol.
HDLC Mode is the main framing mode of the AX8052F151. In this mode, the AX8052F151
performs automatic packet delimiting, and optional packet correctness check by inserting and
checking a cyclic redundancy check (CRC) field.
The packet structure is given in the following table.
Flag
Address Control
Information
FCS
Flag
8 bit
8 bit
8 or 16 bit
Variable length, 0 or more bits in multiples of 8
16 / 32 bit
8 bit
HDLC packets are delimited with flag sequences of content 0x7E.
In AX8052F151 the meaning of address and control is user defined. The Frame Check Sequence
(FCS) can be programmed to be CRC-CCITT, CRC-16 or CRC-32.
The receiver checks the CRC, the result can be retrieved from the FIFO, the CRC is appended to
the received data.
For details on implementing a HDLC communication see the AX5051 Programming Manual.
RAW Mode
In Raw mode, the AX8052F151 does not perform any packet delimiting or byte synchronization.
It simply serializes transmit bytes and de-serializes the received bit-stream and groups it into
bytes.
This mode is ideal for implementing legacy protocols in software.
RAW Mode with Preamble Match
Raw mode with preamble match is similar to raw mode. In this mode, however, the receiver does
not receive anything until it detects a user programmable bit pattern (called the preamble) in the
receive bit-stream. When it detects the preamble, it aligns the de-serialization to it.
The preamble can be between 4 and 32 bits long.
802.15.4 (ZigBee) DSSS
802.15.4 uses binary phase shift keying (PSK) with 300 kbit/s (868 MHz band) or 600 kbit/s (915
MHz band) on the radio. The usable bit rate is only a 15th of the radio bit rate, however. A
spreading function in the transmitter expands the user bit rate by a factor of 15, to make the
transmission more robust. The despreader function of the receiver undoes that.
In 802.15.4 mode, the AX8052F151 framing unit performs the spreading and despreading
function according to the 802.15.4 specification. In receive mode, the framing unit will also
automatically search for the 802.15.4 preamble, meaning that no interrupts will have to be
serviced by the microcontroller until a packet start is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com