Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 29 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 25Page - ON Semiconductor AX8052F151 Datasheet HTML 26Page - ON Semiconductor AX8052F151 Datasheet HTML 27Page - ON Semiconductor AX8052F151 Datasheet HTML 28Page - ON Semiconductor AX8052F151 Datasheet HTML 29Page - ON Semiconductor AX8052F151 Datasheet HTML 30Page - ON Semiconductor AX8052F151 Datasheet HTML 31Page - ON Semiconductor AX8052F151 Datasheet HTML 32Page - ON Semiconductor AX8052F151 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
Circuit Description
www.onsemi.com
AX8052F151
29
may take longer if the new oscillator first has to start up. Internal oscillators start up
instantaneously, but crystal oscillators may take a considerable amount of time to start the
oscillation.
CLKSTAT can be read to determine the clock switching status.
A programmable clock monitor resets the
CLKCON register when no system clock transitions are
found during a programmable time interval, thus reverts to the internal RC oscillator.
Both internal oscillators can be slaved to one of the crystal oscillators to increase the accuracy of
the oscillation frequency. While the reference oscillator runs, the internal oscillator is slaved to the
reference frequency by a digital frequency locked loop. When the reference oscillator is switched
off, the internal oscillator continues to run unslaved with the last frequency setting.
Reset and Interrupts
After reset, the microcontroller starts executing at address 0x0000. Several events can lead to
resetting the microcontroller core:
•
POR or hardware RESET_N pin activated and released
•
Leaving SLEEP or DEEPSLEEP mode
•
Watchdog Reset
•
Software Reset
The reset cause can be determined by reading the
PCON register.
The microcontroller supports 22 interrupt sources. Each interrupt can be individually enabled and
can be programmed to have one of two possible priorities. The interrupt vectors are located at
0x0003, 0x000B, …, 0x00AB.
Debugging
A hardware debug unit considerably eases debugging compared to other 8052 microcontrollers. It
allows to reliably stop the microcontroller at breakpoints even if the stack is smashed. The debug
unit communicates with the host PC running the debugger using a 3 wire interface. One wire is
dedicated (DBG_EN), while two wires are shared with GPIO pins (PB6, PB7). When DBG_EN is
driven high, PB6 and PB7 convert to debug interface pins and the GPIO functionality is no longer
available. A pin emulation feature however allows bits PINB[7:6] to be set and PORTB[7:6] and
DIRB[7:6] to be read by the debugger software. This allows for example switches or LEDs
connected to the PB6, PB7 pins to be emulated in the debugger software whenever the debugger is
active.
In order to protect the intellectual property of the firmware developer, the debug interface can be
locked using a developer-selectable 64-bit key. The debug interface is then disabled and can only
be enabled with the knowledge of this 64-bit key. Therefore, unauthorized persons cannot read the
firmware through the debug interface, but debugging is still possible for authorized persons.
Secure erase can be initiated without key knowledge; secure erase ensures that the main FLASH
array is completely erased before erasing the key, reverting the chip into factory state.
The DebugLink peripheral looks like an UART to the microcontroller, and allows exchange of data
between the microcontroller and the host PC without disrupting program execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com