Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 22 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 18Page - ON Semiconductor AX8052F151 Datasheet HTML 19Page - ON Semiconductor AX8052F151 Datasheet HTML 20Page - ON Semiconductor AX8052F151 Datasheet HTML 21Page - ON Semiconductor AX8052F151 Datasheet HTML 22Page - ON Semiconductor AX8052F151 Datasheet HTML 23Page - ON Semiconductor AX8052F151 Datasheet HTML 24Page - ON Semiconductor AX8052F151 Datasheet HTML 25Page - ON Semiconductor AX8052F151 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Specifications
www.onsemi.com
AX8052F151
22
Microcontroller
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
TSYSCLKL
SYSCLK Low
27
ns
TSYSCLKH
SYSCLK High
21
ns
TSYSCLKP
SYSCLK Period
47
ns
TFLWR
FLASH Write Time
2 Bytes
20
µ
s
TFLPE
FLASH Page Erase
1 kBytes
2
ms
TFLE
FLASH Secure Erase
64 kBytes
10
ms
TFLEND
FLASH Endurance: Erase Cycles
10’000
100’000
Cycles
TFLRETroom
FLASH Data Retention
25OC
See Figure 3
for the lower
limit set by the
memory
qualification
100
Years
TFLREThot
85OC
See Figure 3
for the lower
limit set by the
memory
qualification
10
10
100
1000
10000
100000
15
25
35
45
55
65
75
85
Temperature [oC]
Figure 3 FLASH memory qualification limit for data retention after 10k erase cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com