| Electronic Components Datasheet Search |
|
AX8052F151 Datasheet(PDF) 38 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AX8052F151 Datasheet(HTML) 38 Page - ON Semiconductor |
|
38 / 51 page ![]() Transceiver www.onsemi.com AX8052F151 38 Registers Register Remarks AX5051_CICDEC This register programs the bandwidth of the digital channel filter. AX5051_DATARATEHI, AX5051_DATARATELO These registers specify the receiver bit rate, relative to the channel filter bandwidth. AX5051_TMGGAINHI, AX5051_TMGGAINLO These registers specify the aggressiveness of the receiver bit timing recovery. More aggressive settings allow the receiver to synchronize with shorter preambles, at the expense of more timing jitter and thus a higher bit error rate at a given signal-to-noise ratio. AX5051_MODULATION This register selects the modulation to be used by the transmitter and the receiver, i.e. whether ASK, PSK , FSK, MSK or OQPSK should be used. AX5051_PHASEGAIN, AX5051_FREQGAIN, AX5051_FREQGAIN2, AX5051_AMPLGAIN These registers control the bandwidth of the phase, frequency offset and amplitude tracking loops. Recommended settings are provided in the AX5051 Programming Manual. AX5051_AGCATTACK, AX5051_AGCDECAY These registers control the AGC (automatic gain control) loop slopes, and thus the speed of gain adjustments. The faster the bit- rate, the faster the AGC loop should be. Recommended settings are provided in the AX5051 Programming Manual. AX5051_TXRATE These registers control the bit rate of the transmitter. AX5051_FSKDEV These registers control the frequency deviation of the transmitter in FSK mode. The receiver does not explicitly need to know the frequency deviation, only the channel filter bandwidth has to be set wide enough for the complete modulation to pass. 6.5. Encoder The encoder is located between the Framing Unit, the Demodulator and the Modulator. It can optionally transform the bit-stream in the following ways: • It can invert the bit stream. • It can perform differential encoding. This means that a zero is transmitted as no change in the level, and a one is transmitted as a change in the level. Differential encoding is useful for PSK, because PSK transmissions can be received either as transmitted or inverted, due to the uncertainty of the initial phase. Differential encoding / decoding removes this uncertainty. • It can perform Manchester encoding. Manchester encoding ensures that the modulation has no DC content and enough transitions (changes from 0 to 1 and from 1 to 0) for the demodulator bit timing recovery to function correctly, but does so at a doubling of the data rate. • It can perform Spectral Shaping. Spectral Shaping removes DC content of the bit stream, ensures transitions for the demodulator bit timing recovery, and makes sure that the transmitted spectrum does not have discrete lines even if the transmitted data is cyclic. It does so without adding additional bits, i.e. without changing the data rate. Spectral Shaping uses a self synchronizing feedback shift register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |