Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 24 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 24 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 20Page - Microchip Technology LAN8820 Datasheet HTML 21Page - Microchip Technology LAN8820 Datasheet HTML 22Page - Microchip Technology LAN8820 Datasheet HTML 23Page - Microchip Technology LAN8820 Datasheet HTML 24Page - Microchip Technology LAN8820 Datasheet HTML 25Page - Microchip Technology LAN8820 Datasheet HTML 26Page - Microchip Technology LAN8820 Datasheet HTML 27Page - Microchip Technology LAN8820 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 24
 2009-2015 Microchip Technology Inc.
3.8.1.1
Configuration Straps
Configuration straps are multi-function pins that are driven as outputs during normal operation. During a Hardware
Reset (nRESET), these outputs are tri-stated. The high or low state of the signal is latched following de-assertion of the
reset and is used to determine the default configuration of a particular feature. Table 3-4 details the configuration straps.
Configuration straps are also listed as part of Section 2.0, "Pin Description and Configuration," on page 5 with underlined
names.
Configuration straps include internal resistors in order to prevent the signal from floating when unconnected. If a partic-
ular configuration strap is connected to a load, an external pull-up or pull-down should be used to augment the internal
resistor to ensure that it reaches the required voltage level prior to latching. The internal resistor can also be overridden
by the addition of an external resistor.
Note 1:
The system designer must guarantee that configuration straps meet the timing requirements specified in
Section 5.5.3, "Power-On Hardware Reset Timing," on page 67. If configuration straps are not at the correct
voltage level prior to being latched, the device may capture incorrect strap values.
2:
Configuration straps must never be driven as inputs. If required, configuration straps can be augmented, or
overridden with external resistors.
3.8.1.2
CONFIG[3:0] Configuration Pins
The device provides 4 dedicated configuration pins, CONFIG[3:0], which are used to select the default SMI address and
mode of operation. The CONFIG[3:0] configuration pins differ from configuration straps in that they are single-purpose
pins and have different latch timing requirements. The high or low states of the CONFIG[3:0] pins are latched following
deassertion of a Hardware Reset (nRESET). Refer to Section 5.5.3, "Power-On Hardware Reset Timing," on page 67
for additional CONFIG[3:0] timing information.
Each CONFIG[3:0] configuration pin can be connected in one of four ways. The Configuration Pin Value (CPV) repre-
sented by each connection option is shown in Table 3-5.
Using the CPV nomenclature for each CONFIG[3:0] pin, Section 3.8.1.2.1 describes how to configure the SMI address
and Section 3.8.1.2.2 describes how to configure the initial mode of operation.
TABLE 3-4:
CONFIGURATION STRAPS
Configuration
Strap
Description
Logic 0
(PD)
Logic 1
(PU)
HPD_MODE
Selects the hardware power-down (HPD) mode
HPD with PLL
disabled (Default)
HPD with PLL
enabled
RGMII_ID_MODE
Configures the RGMII PHY TXC/RXC delay
enable bits of the Control / Status Indications
Register (27.[9:8]).
Refer to Section 3.3, "RGMII Interface," on
page 18 for additional information.
27.[9:8] = 00b
(Default)
27.[9:8] = 11b
TABLE 3-5:
HARDWARE CONNECTION DETERMINES
CONFIGURATION PIN VALUE (CPV)
CONFIG[X]
Connects to:
Value
GND
CPV(0)
100_LED
CPV(1)
1000_LED
CPV(2)
VDD
CPV(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com