Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 43 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 43 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 39Page - Microchip Technology LAN8820 Datasheet HTML 40Page - Microchip Technology LAN8820 Datasheet HTML 41Page - Microchip Technology LAN8820 Datasheet HTML 42Page - Microchip Technology LAN8820 Datasheet HTML 43Page - Microchip Technology LAN8820 Datasheet HTML 44Page - Microchip Technology LAN8820 Datasheet HTML 45Page - Microchip Technology LAN8820 Datasheet HTML 46Page - Microchip Technology LAN8820 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 43
LAN8820/LAN8820I
4.2.11
MASTER/SLAVE STATUS REGISTER
Index (In Decimal): 10
Size:
16 bits
Bits
Description
Type
Default
15
Master/Slave Configuration Fault
0 = No MASTER-SLAVE configuration fault detected
1 = MASTER-SLAVE configuration fault detected
RO/LH
0b
14
Master/Slave Configuration Resolution
0 = Local PHY configuration resolved to SLAVE
1 = Local PHY configuration resolved to MASTER
RO
0b
13
Local Receiver Status
0 = Local Receiver not OK
1 = Local Receiver OK
RO
0b
12
Remote Receiver Status
0 = Remote Receiver not OK
1 = Remote Receiver OK
RO
0b
11
LP 1000T FD
This bit is valid only when the Page Received bit of the Auto Negotiation
Expansion Register is 1.
0 = Link Partner is not capable of 1000BASE-T full duplex
1 = Link Partner is capable of 1000BASE-T full duplex
RO
0b
10
LP 1000T HD
This bit is valid only when the Page Received bit of the Auto Negotiation
Expansion Register is 1.
0 = Link Partner is not capable of 1000BASE-T half duplex
1 = Link Partner is capable of 1000BASE-T half duplex
RO
0b
9:8
RESERVED
RO
-
7:0
Idle Error Count
Cumulative count of the errors detected when the receiver is receiving idles.
These bits are reset to all zeroes when the error count is read by the
management function or upon execution of a hardware reset, software reset,
or logical reset. This field is held at all ones in case of over-flow.
This field can be used to trigger an interrupt upon overflow. Refer to Section
3.5, "Interrupt Management," on page 21 for additional information.
RO
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com