Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 62 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 62 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 58Page - Microchip Technology LAN8820 Datasheet HTML 59Page - Microchip Technology LAN8820 Datasheet HTML 60Page - Microchip Technology LAN8820 Datasheet HTML 61Page - Microchip Technology LAN8820 Datasheet HTML 62Page - Microchip Technology LAN8820 Datasheet HTML 63Page - Microchip Technology LAN8820 Datasheet HTML 64Page - Microchip Technology LAN8820 Datasheet HTML 65Page - Microchip Technology LAN8820 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 62
 2009-2015 Microchip Technology Inc.
TABLE 5-4:
POWER CONSUMPTION - ENERGY DETECT
Parameter
Typical
Unit
Supply Current (VDD25IO) (@ +2.5V)
11
mA
Supply Current (VDD12CORE, VDD12BIAS, VDD12PLL, VDD12A) (@ +1.2V)
28
mA
External Magnetics Current (@ +2.5V)
15
mA
Total Power Dissipation (Device Only)
61
mW
Total Power Dissipation (Device and Ethernet components)
98
mW
TABLE 5-5:
POWER CONSUMPTION - HARDWARE POWER DOWN (PLL ENABLED)
Parameter
Typical
Unit
Supply Current (VDD25IO) (@ +2.5V)
0.12
mA
Supply Current (VDD12CORE, VDD12BIAS, VDD12PLL, VDD12A) (@ +1.2V)
17.29
mA
External Magnetics Current (@ +2.5V)
7.00
mA
Total Power Dissipation (Device Only)
21.16
mW
Total Power Dissipation (Device and Ethernet components)
44.26
mW
TABLE 5-6:
POWER CONSUMPTION - HARDWARE POWER DOWN (PLL DISABLED)
Parameter
Typical
Unit
Supply Current (VDD25IO) (@ +2.5V)
0.12
mA
Supply Current (VDD12CORE, VDD12BIAS, VDD12PLL, VDD12A) (@ +1.2V)
4.39
mA
External Magnetics Current (@ +2.5V)
0.02
mA
Total Power Dissipation (Device Only)
5.68
mW
Total Power Dissipation (Device and Ethernet components)
5.73
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com