Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 34 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 34 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 30Page - Microchip Technology LAN8820 Datasheet HTML 31Page - Microchip Technology LAN8820 Datasheet HTML 32Page - Microchip Technology LAN8820 Datasheet HTML 33Page - Microchip Technology LAN8820 Datasheet HTML 34Page - Microchip Technology LAN8820 Datasheet HTML 35Page - Microchip Technology LAN8820 Datasheet HTML 36Page - Microchip Technology LAN8820 Datasheet HTML 37Page - Microchip Technology LAN8820 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 34
 2009-2015 Microchip Technology Inc.
4.0
REGISTER DESCRIPTIONS
This chapter describes the various control and status registers (CSR’s). All registers follow the IEEE 802.3 (clause
22.2.4) management register set. All functionality and bit definitions comply with these standards. The IEEE 802.3 spec-
ified register index (in decimal) is included with each register definition, allowing for addressing of these registers via
the Serial Management Interface (SMI) protocol.
The device registers are categorized into following groups:
• Primary PHY Registers
• Advanced PHY Registers
4.1
Register Nomenclature
Table 4-1 describes the register bit attributes used throughout this document.
Many of these register bit notations can be combined. Some examples of this are shown below:
• R/W: Can be written. Will return current setting on a read.
• R/WAC: Will return current setting on a read. Writing anything clears the bit.
TABLE 4-1:
REGISTER BIT TYPES
Register Bit Type
Notation
Register Bit Description
R
Read:
A register or bit with this attribute can be read.
W
Write:
A register or bit with this attribute can be written.
RO
Read only:
Read only. Writes have no effect.
WO
Write only:
If a register or bit is write-only, reads will return unspecified data.
WC
Write One to Clear:
writing a one clears the value. Writing a zero has no effect.
WAC
Write Anything to Clear:
writing anything clears the value.
RC
Read to Clear:
Contents is cleared after the read. Writes have no effect.
LL
Latch Low:
Clear on read of register.
LH
Latch High:
Clear on read of register.
SC
Self-Clearing:
Contents is self-cleared after the being set. Writes of zero have no effect.
Contents can be read.
RO/LH
Read Only, Latch High:
This mode is used by the Ethernet PHY registers. Bits with this
attribute will stay high until the bit is read. After it a read, the bit will remain high, but will
change to low if the condition that caused the bit to go high is removed. If the bit has not
been read the bit will remain high regardless of if its cause has been removed.
NASR
Not Affected by Software Reset:
The state of NASR bits does not change on assertion
of a software reset.
X
Either a 1 or 0.
RESERVED
Reserved Field:
Reserved fields must be written with zeros, unless otherwise indicated,
to ensure future compatibility. The value of reserved bits is not guaranteed on a read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com