Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 66 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 66 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 62Page - Microchip Technology LAN8820 Datasheet HTML 63Page - Microchip Technology LAN8820 Datasheet HTML 64Page - Microchip Technology LAN8820 Datasheet HTML 65Page - Microchip Technology LAN8820 Datasheet HTML 66Page - Microchip Technology LAN8820 Datasheet HTML 67Page - Microchip Technology LAN8820 Datasheet HTML 68Page - Microchip Technology LAN8820 Datasheet HTML 69Page - Microchip Technology LAN8820 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 66
 2009-2015 Microchip Technology Inc.
5.5.2
POWER SEQUENCE TIMING
Power supplies must adhere to the following rules:
• All power supplies of the same voltage must be powered up/down together.
• There is no power-up sequencing requirement, however all power supplies must reach operational levels within
the time periods specified in Table 5-11.
• There is no power-down sequencing or timing requirement, however the device must not be powered for an
extended period of time without all supplies at operational levels.
• Following initial power-on, or if a power supply brownout occurs (i.e., one or more supplies drops below opera-
tional limits), a power-on reset must be executed once all power supplies reach operational levels. Refer to Sec-
tion 5.5.3, "Power-On Hardware Reset Timing," on page 67 for power-on reset requirements.
• Do not drive input signals without power supplied to the device.
Note:
Violation of these specifications may damage the device.
FIGURE 5-2:
POWER SEQUENCE TIMING
TABLE 5-11:
POWER SEQUENCE TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tpon
Power supply turn on time
0
25
mS
All 3.3V Power
Supply Pins
All 1.2V Power
Supply Pins
tpon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com