Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 15 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 15 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 11Page - Microchip Technology LAN8820 Datasheet HTML 12Page - Microchip Technology LAN8820 Datasheet HTML 13Page - Microchip Technology LAN8820 Datasheet HTML 14Page - Microchip Technology LAN8820 Datasheet HTML 15Page - Microchip Technology LAN8820 Datasheet HTML 16Page - Microchip Technology LAN8820 Datasheet HTML 17Page - Microchip Technology LAN8820 Datasheet HTML 18Page - Microchip Technology LAN8820 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 15
LAN8820/LAN8820I
3.1.5
MANUAL OPERATION
The device supports a manual (forced) operation for test purposes. In manual operation, the user sets the link speed
(10Mbps or 100Mbps) and the duplex state (full or half).
Auto-negotiation must be disabled in order to manually configure the speed and the duplex. This may be accomplished
using the configuration pins, as described in Section 3.8.1.2.2, "Configuring the Mode of Operation (CONFIG[3:2])," on
page 26, or by using the Basic Control Register register as described in Section 3.1.2, "Disabling Auto-negotiation," on
page 14. For 10BASE-T and 100BASE-TX, the link state of the device is determined by the Speed Select[1], Speed
Select[0], and Duplex Mode bits of the Basic Control Register. Manual operation at a link speed of 1000Mbps is not
supported.
3.1.6
HALF VS. FULL-DUPLEX
Half-duplex operation relies on the CSMA/CD (Carrier Sense Multiple Access / Collision Detect) protocol to handle net-
work traffic and collisions. In this mode, the internal carrier sense signal, CRS, responds to both transmit and receive
activity. If data is received while the PHY is transmitting, a collision results.
In full-duplex mode, the PHY is able to transmit and receive data simultaneously and collision detection is disabled. In
this mode, the internal CRS responds only to receive activity. In 10BASE-T and 100BASE-T mode, CRS is redefined to
respond only to received activity. In 1000BASE-T, CRS is disabled.
Table 3-2 describes the behavior of the internal CRS bit under all receive/transmit conditions.
Manual Master
Multi-Port
Master
Slave
Manual Master
Manual Master
No Link
No Link
Manual Master
Manual Slave
Master
Slave
Manual Slave
Single-Port
Slave
Master
Manual Slave
Multi-Port
Slave
Master
Manual Slave
Manual Master
Slave
Master
Manual Slave
Manual Slave
No Link
No Link
TABLE 3-2:
CRS BEHAVIOR
Mode
Speed
Duplex
Activity
CRS Behavior
(
Note 3-1)
Manual
10 Mbps
Half-Duplex
Transmitting
Active
Manual
10 Mbps
Half-Duplex
Receiving
Active
Manual
10 Mbps
Full-Duplex
Transmitting
Low
Manual
10 Mbps
Full-Duplex
Receiving
Active
Manual
100 Mbps
Half-Duplex
Transmitting
Active
Manual
100 Mbps
Half-Duplex
Receiving
Active
Manual
100 Mbps
Full-Duplex
Transmitting
Low
Manual
100 Mbps
Full-Duplex
Receiving
Active
Auto-Negotiation
10 Mbps
Half-Duplex
Transmitting
Active
Auto-Negotiation
10 Mbps
Half-Duplex
Receiving
Active
TABLE 3-1:
MASTER/SLAVE RESOLUTION FOR 1000BASE-T (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com