Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 35 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 35 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 31Page - Microchip Technology LAN8820 Datasheet HTML 32Page - Microchip Technology LAN8820 Datasheet HTML 33Page - Microchip Technology LAN8820 Datasheet HTML 34Page - Microchip Technology LAN8820 Datasheet HTML 35Page - Microchip Technology LAN8820 Datasheet HTML 36Page - Microchip Technology LAN8820 Datasheet HTML 37Page - Microchip Technology LAN8820 Datasheet HTML 38Page - Microchip Technology LAN8820 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 35
LAN8820/LAN8820I
4.2
Primary PHY Registers
The primary PHY registers are accessed via the SMI bus. An index is used to access individual primary registers. Pri-
mary PHY register indexes are shown in Table 4-2, "PHY Control and Status Registers". Additional read-only advanced
registers are indirectly accessible via the Advanced Register Address Port and Advanced Register Read Data Port. Sec-
tion 4.3, "Advanced PHY Registers," on page 53 provides detailed information regarding the advanced registers.
Note 1:
All unlisted register index values are not supported and should not be addressed.
2:
The NASR (Not Affected by Software Reset) designation is only applicable when the PHY Soft Reset
(RESET) bit of the Basic Control Register is set.
TABLE 4-2:
PHY CONTROL AND STATUS REGISTERS
Index
(In Decimal)
Register Name
0
Basic Control Register
1
Basic Status Register
2
PHY Identifier 1 Register
3
PHY Identifier 2 Register
4
Auto Negotiation Advertisement Register
5
Auto Negotiation Link Partner Ability Register
6
Auto Negotiation Expansion Register
7
Auto Negotiation Next Page TX Register
8
Auto Negotiation Next Page RX Register
9
Master/Slave Control Register
10
Master/Slave Status Register
15
Extended Status Register
16
Link Control Register
17
10/100 Mode Control/Status Register
18
10/100 Special Modes Register
19
Extended Mode Control/Status Register
20
Advanced Register Address Port
21
Advanced Register Read Data Port
27
Control / Status Indications Register
29
Interrupt Source Flags Register
30
Interrupt Mask Register
31
PHY Special Control / Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com