Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 69 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 69 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 65Page - Microchip Technology LAN8820 Datasheet HTML 66Page - Microchip Technology LAN8820 Datasheet HTML 67Page - Microchip Technology LAN8820 Datasheet HTML 68Page - Microchip Technology LAN8820 Datasheet HTML 69Page - Microchip Technology LAN8820 Datasheet HTML 70Page - Microchip Technology LAN8820 Datasheet HTML 71Page - Microchip Technology LAN8820 Datasheet HTML 72Page - Microchip Technology LAN8820 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 69
LAN8820/LAN8820I
5.5.5
RGMII TIMING
This section specifies the RGMII interface transmit and receive timing. The RGMII interface supports the independent
enabling/disabling of the PHY TXC and RXC delays, each with unique timing properties. These timing are reflected in
the following sub-sections. Please refer to Section 3.3, "RGMII Interface," on page 18 for additional details.
5.5.5.1
PHY TXC Delay Enabled Timing
Note 5-1
7.2ns for 1000BASE-T operation, 36ns for 100BASE-TX operation, 360ns for 10BASE-T operation.
Minimum limits are non-sustainable long term.
Note 5-2
8ns for 1000BASE-T operation, 40ns for 100BASE-TX operation, 400ns for 10BASE-T operation.
Note 5-3
8.8ns for 1000BASE-T operation, 44ns for 100BASE-TX operation, 440ns for 10BASE-T operation.
Maximum limits are non-sustainable long term.
Note 5-4
45% for 1000BASE-T operation, 40% for 100BASE-TX or 10BASE-T operation.
Note 5-5
55% for 1000BASE-T operation, 60% for 100BASE-TX or 10BASE-T operation.
Note:
All RGMII timing specifications assume a point-to-point test circuit as defined in Figure 3 of the RGMII spec-
ification 1.3.
FIGURE 5-5:
RGMII PHY TXC DELAY ENABLED TIMING
TABLE 5-14:
RGMII PHY TXC DELAY ENABLED TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
ttxc
TXC period
Note 5-1
Note 5-2
Note 5-3
ns
tclkh
TXC high time
Note 5-4
50
Note 5-5
%
tclkl
TXC low time
Note 5-4
50
Note 5-5
%
tsetup
TXD[3:0], TXCTRL setup time to edge of TXC
-0.9
ns
thold
TXD[3:0], TXCTRL hold time after edge of TXC
2.7
ns
TXC
TXD[3:0]
TXCTRL
tclkh
tclkl
ttxc
TXD
[3:0]
TXD
[7:4]
TXEN
TXER
thold
tsetup
thold
tsetup
thold
tsetup
thold
tsetup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com