Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 47 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 47 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 43Page - Microchip Technology LAN8820 Datasheet HTML 44Page - Microchip Technology LAN8820 Datasheet HTML 45Page - Microchip Technology LAN8820 Datasheet HTML 46Page - Microchip Technology LAN8820 Datasheet HTML 47Page - Microchip Technology LAN8820 Datasheet HTML 48Page - Microchip Technology LAN8820 Datasheet HTML 49Page - Microchip Technology LAN8820 Datasheet HTML 50Page - Microchip Technology LAN8820 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 47
LAN8820/LAN8820I
Note 4-6
The default is determined by the CONFIG[1:0] pins as described in Section 3.8.1.2.1, "Configuring
the SMI Address (CONFIG[1:0])," on page 25.
4.2.16
EXTENDED MODE CONTROL/STATUS REGISTER
Note 4-7
The default mode is determined by the CONFIG[3:2] pins as described in Section 3.8.1.2.2,
"Configuring the Mode of Operation (CONFIG[3:2])," on page 26
4:0
PHYADD[4:0]
The PHY Address is used for the SMI address and for the initialization of the
Cipher (Scrambler) key.
R/W
NASR
Note 4-6
Index (In Decimal): 19
Size:
16 bits
Bits
Description
Type
Default
15:11
MOD
Configures mode of operation. Refer to Section 3.8.1.2.2, "Configuring the
Mode of Operation (CONFIG[3:2])," on page 26 for details.
Note:
The MOD bits should not be modified and must be preserved
when writing to this register.
R/W
NASR
Note 4-7
10:9
Transmitter FIFO Depth
00 = 4 bytes
01 = 5 bytes
10 = 6 bytes
11 = 7 bytes
R/W
00b
8:3
RESERVED
These bits must be written as 011111b.
2
MDI/MDI-X 0:1
Selects between MDI and MDI-X for channel 0 and channel 1 only if the Auto
MDIX Disable bit of the 10/100 Mode Control/Status Register is 1.
0 = MDI
1 = MDI-X
RW
0b
1
MDI/MDI-X 2:3
Selects between MDI and MDI-X for channel 2 and channel 3 only if the Auto
MDIX Disable bit of the 10/100 Mode Control/Status Register is 1.
0 = MDI
1 = MDI-X
RW
0b
0
CONDITIONAL PARALLEL DETECT
0 = Parallel detect. (Auto Negotiation Advertisement Register is ignored.)
1 = Conditional Parallel Detect only at the speed advertised in the Auto
Negotiation Advertisement Register.
10BASE-T half duplex (10BASE-T bit =1)
100BASE-TX half duplex (100BASE-TX bit =1)
RW
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com