Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 53 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 53 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 49Page - Microchip Technology LAN8820 Datasheet HTML 50Page - Microchip Technology LAN8820 Datasheet HTML 51Page - Microchip Technology LAN8820 Datasheet HTML 52Page - Microchip Technology LAN8820 Datasheet HTML 53Page - Microchip Technology LAN8820 Datasheet HTML 54Page - Microchip Technology LAN8820 Datasheet HTML 55Page - Microchip Technology LAN8820 Datasheet HTML 56Page - Microchip Technology LAN8820 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 53
LAN8820/LAN8820I
4.3
Advanced PHY Registers
The advanced PHY registers are accessed using the following procedure:
1.
Write to the Advanced Register Address Port with the Read bit set high, and the address of the desired advanced
register in the Register Address field.
2.
Read the contents of the selected register from Advanced Register Read Data Port.
4.3.1
ADVANCED REGISTER MAPPING
Note:
The advanced registers cannot be written. All advanced registers are comprised of read-only (RO), or read-
to-clear (RC) bits.
TABLE 4-3:
ADVANCED REGISTER MAPPING
REGISTER
NUMBER
REGISTER NAME
U0
User Status 1 Register
U1
User Status 2 Register
U2
Receive Error-Free Packets Counter High Register
U3
Receive Error-Free Packets Counter Mid Register
U4
Receive Error-Free Packets Counter Low Register
U5
CRC Error Counter High Register
U6
CRC Error Counter Mid Register
U7
U8
Receive Error During Data Counter Register
U9
Receive Error During Idle Counter Register
U10
Transmit Packet Counter High Register
U11
Transmit Packet Counter Mid Register
U12
Transmit Packet Counter Low Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com