Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 63 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 63 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 59Page - Microchip Technology LAN8820 Datasheet HTML 60Page - Microchip Technology LAN8820 Datasheet HTML 61Page - Microchip Technology LAN8820 Datasheet HTML 62Page - Microchip Technology LAN8820 Datasheet HTML 63Page - Microchip Technology LAN8820 Datasheet HTML 64Page - Microchip Technology LAN8820 Datasheet HTML 65Page - Microchip Technology LAN8820 Datasheet HTML 66Page - Microchip Technology LAN8820 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 63
LAN8820/LAN8820I
5.4
DC Specifications
Note 5-5
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down and pull-up
resistors add +/- 50uA per-pin (typical).
Note 5-6
XI can optionally be driven from a 25MHz single-ended clock oscillator.
Note 5-7
IEEE 802.ab Test Mode 1
Note 5-8
From 1/2 of average VOP, Test Mode 1
TABLE 5-7:
I/O BUFFER CHARACTERISTICS
Parameter
Symbol
Min
Typical
Max
Units
Notes
IS Type Input Buffer
Low Input Level
High Input Level
Negative-Going Threshold
Positive-Going Threshold
SchmittTrigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDD25IO)
Input Capacitance
VILI
VIHI
VILT
VIHT
VHYS
IIH
CIN
-0.3
0.64
0.81
102
-10
1.15
1.29
136
3.6
1.76
1.90
288
10
3
V
V
V
V
mV
uA
pF
Schmitt trigger
Schmitt trigger
Note 5-5
O6 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD25IO -
0.4
0.4
V
V
IOL = 6mA
IOH = -6mA
O8 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD25IO -
0.4
0.4
V
V
IOL = 8mA
IOH = -8mA
ICLK Type Buffer
(XI Input)
Low Input Level
High Input Level
VILI
VIHI
-0.3
1.4
0.5
3.6
V
V
Note 5-6
TABLE 5-8:
1000BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Peak Differential Output Voltage
VOP
670
820
mV
Note 5-7
Signal Amplitude Symmetry
VSS
1%
Note 5-7
Signal Scaling
VSC
2%
Note 5-8
Output Droop
VOD
73.1
%
Note 5-7
Transmission Distortion
10
mV
Note 5-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com