Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 27 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 27 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 23Page - Microchip Technology LAN8820 Datasheet HTML 24Page - Microchip Technology LAN8820 Datasheet HTML 25Page - Microchip Technology LAN8820 Datasheet HTML 26Page - Microchip Technology LAN8820 Datasheet HTML 27Page - Microchip Technology LAN8820 Datasheet HTML 28Page - Microchip Technology LAN8820 Datasheet HTML 29Page - Microchip Technology LAN8820 Datasheet HTML 30Page - Microchip Technology LAN8820 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 27
LAN8820/LAN8820I
3.8.2
SOFTWARE CONFIGURATION
The Serial Management Interface (SMI) allows for the configuration and control of multiple transceivers. Several 16-bit
status and control registers are accessible through the management interface pins MDC and MDIO for 10/100/
1000Mbps operation. The device implements all the required MII registers and optional registers as described in Section
4.0, "Register Descriptions". Configuring the SMI address is described in Section 3.8.1.2.1. Refer to Section 3.4, "Serial
Management Interface (SMI)," on page 20 for additional information on the SMI.
3.9
Miscellaneous Functions
3.9.1
LEDS
The device provides the following LED signals to enable visual indication of status:
• 1000_LED
• 100_LED
• 10_LED
The Speed LEDs (1000_LED, 100_LED, 10_LED) are driven after a link is established. The functional operation of each
LED is detailed in TABLE 3-10:.
TABLE 3-9:
REGISTER BITS IMPACTED BY THE MODE OF OPERATION (MOD)
Reg 19
[15:11]
Mode Definitions
Reg 0
[13,12,8,6]
Reg 4
[8,7,6,5]
Reg 9
[12,11,10,9,8]
00000 -
10110
RESERVED
---
10111
All capable. Auto-negotiation enabled.
Auto master/slave resolution single port.
01X1
1111
00011
11000
All capable. Auto-negotiation enabled.
Auto master/slave resolution multi-port.
01X1
1111
01111
11001
All capable. Auto-negotiation enabled.
Manual master/slave resolution slave port.
01X1
1111
10011
11010
All capable. Auto-negotiation enabled.
Manual master/slave resolution master port.
01X1
1111
11111
11011 -
11111
RESERVED
---
TABLE 3-10:
LED OPERATION
LED
STATUS
DESCRIPTION
1000_LED
On
1000BASE-T link
Blinking
Transmit/receive activity
100_LED
On
100BASE-T link
Blinking
Transmit/receive activity
10_LED
On
10BASE-T link
Blinking
Transmit/receive activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com