Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 45 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 45 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 41Page - Microchip Technology LAN8820 Datasheet HTML 42Page - Microchip Technology LAN8820 Datasheet HTML 43Page - Microchip Technology LAN8820 Datasheet HTML 44Page - Microchip Technology LAN8820 Datasheet HTML 45Page - Microchip Technology LAN8820 Datasheet HTML 46Page - Microchip Technology LAN8820 Datasheet HTML 47Page - Microchip Technology LAN8820 Datasheet HTML 48Page - Microchip Technology LAN8820 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 45
LAN8820/LAN8820I
4.2.14
10/100 MODE CONTROL/STATUS REGISTER
2
Power Optimization Disable
0 = Automatic power optimization is enabled
1 = Automatic power optimization is disabled (power consumption is
maximum)
R/W
0b
1
RESERVED
RO
-
0
LRST
Logic reset. This bit generates a reset that put all the logic into a known
state, but DOES NOT affect the register sets and 10/100 circuits. This bit is
NOT a self-clearing bit. Writing "1" to this bit generates synchronous reset.
RO
-
Index (In Decimal): 17
Size:
16 bits
Bits
Description
Type
Default
15
EDSHORT
Energy Detect Short detection mode
0 = Normal detect mode
1 = Short detect mode
R/W
0b
14
FASTRIP
10BASE-T fast mode
0 = normal operation
1 = activates PHYT_10 test mode
R/W
0b
13
EDPWRDOWN
Enable the Energy Detect Power-Down mode
0 = Energy Detect Power-Down is disabled
1 = Energy Detect Power-Down is enabled
R/W
0b
12
ED Power Down Mode
Select energy detect power down mode
0 = ED power down mode without NLP transmission
1 = ED power down mode with NLP transmission
R/W
0b
11:8
RESERVED
RO
-
7
Speed Optimize Enable
0 = Disable Speed Optimize
1 = Enable Speed Optimize
Note:
Refer to Section 3.9.5, "Speed Optimizer," on page 29 for additional
information.
R/W
0b
6
AutoNeg NP Enable
0 = Next page is disabled in the auto-negotiation process
1 = Next page is enabled in the auto-negotiation process
R/W
1b
5
Auto MDIX Disable
0 = Auto Xover is enabled
1 = Auto Xover is disabled selection is done manually
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com