Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 4 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 4 Page - Microchip Technology

  LAN8820 Datasheet HTML 1Page - Microchip Technology LAN8820 Datasheet HTML 2Page - Microchip Technology LAN8820 Datasheet HTML 3Page - Microchip Technology LAN8820 Datasheet HTML 4Page - Microchip Technology LAN8820 Datasheet HTML 5Page - Microchip Technology LAN8820 Datasheet HTML 6Page - Microchip Technology LAN8820 Datasheet HTML 7Page - Microchip Technology LAN8820 Datasheet HTML 8Page - Microchip Technology LAN8820 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 4
 2009-2015 Microchip Technology Inc.
1.0
INTRODUCTION
The LAN8820/LAN8820i is a low-power 10BASE-T/100BASE-TX/1000BASE-T Gigabit Ethernet physical layer (PHY)
transceiver that is fully compliant with the IEEE 802.3 and 802.3ab standards.
The LAN8820/LAN8820i can be configured to communicate with an Ethernet MAC via the standard RGMII interface. It
contains a full-duplex transceiver for 1000Mbps operation on four pairs of category 5 or better balanced twisted pair
cable. Per IEEE 802.3-2005 standards, all digital interface pins are tolerant to 3.6V.
The LAN8820/LAN8820i is configurable via hardware and software, supporting both IEEE 802.3-2005 compliant and
vendor-specific register functions via SMI. The LAN8820/LAN8820i implements Auto-Negotiation to automatically
determine the best possible speed and duplex mode of operation. HP Auto-MDIX support allows the use of direct con-
nect or cross-over cables.
An internal block diagram of the LAN8820/LAN8820i is shown in Figure 1-1. A typical system-level diagram is shown in
Figure 1-2.
FIGURE 1-1:
INTERNAL BLOCK DIAGRAM
FIGURE 1-2:
SYSTEM LEVEL BLOCK DIAGRAM
LAN8820/LAN8820i
RGMII
3
2
1
Active
Hybrid
0
10/100/1000
Ethernet
3
2
1
Analog
RX
0
3
2
1
Analog
TX
0
3
2
1
DSP
0
3
2
1
Spectral
Shaper
0
Digital TX
Scrambler
Trellis
4DPAM-5 Encoders
Digital RX
Descrambler
Viterbi Decoder
4DPAM-5 Decoders
3
2
1
0
3
2
1
0
3
2
1
0
3
2
1
0
Physical
Coding
Sublayer
TAP
Controller
LEDs
PLL
LEDs
JTAG
3
2
1
0
32
1
0
LAN8820/
LAN8820i
10/100/1000
Ethernet MAC
LED
Status
RGMII
Crystal
MDI
Ethernet
Magnetics
JTAG
Ethernet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com