Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 10 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 10 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 6Page - Microchip Technology LAN8820 Datasheet HTML 7Page - Microchip Technology LAN8820 Datasheet HTML 8Page - Microchip Technology LAN8820 Datasheet HTML 9Page - Microchip Technology LAN8820 Datasheet HTML 10Page - Microchip Technology LAN8820 Datasheet HTML 11Page - Microchip Technology LAN8820 Datasheet HTML 12Page - Microchip Technology LAN8820 Datasheet HTML 13Page - Microchip Technology LAN8820 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 10
 2009-2015 Microchip Technology Inc.
Note 2-3
Exposed pad on package bottom (Figure 2-1).
TABLE 2-7:
POWER PINS
Num Pins
Name
Symbol
Buffer
Type
Description
4
+2.5V
I/O Power
Supply Input
VDD25IO
P
+2.5V I/O power.
Refer to Section 3.10, "Application Diagrams," on
page 31 and the LAN8820/LAN8820i reference
schematics for connection information.
6
Digital Core
+1.2V Power
Supply Input
VDD12CORE
P
Refer to Section 3.10, "Application Diagrams," on
page 31 and the LAN8820/LAN8820i reference
schematics for connection information.
4
Ethernet
+1.2V Port
Power Supply
Input For
Channels 0-3
VDD12A
P
Refer to Section 3.10, "Application Diagrams," on
page 31 and the LAN8820/LAN8820i reference
schematics for connection information.
1
Ethernet
+1.2V Bias
Power Supply
Input
VDD12BIAS
P
Refer to Section 3.10, "Application Diagrams," on
page 31 and the LAN8820/LAN8820i reference
schematics for connection information.
1
Ethernet PLL
+1.2V Power
Supply Input
VDD12PLL
P
Refer to Section 3.10, "Application Diagrams," on
page 31 and the LAN8820/LAN8820i reference
schematics for connection information.
Note 2-3
Ground
VSS
P
Common Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com