Electronic Components Datasheet Search
  English  ▼

X  

LAN8820 Datasheet(PDF) 68 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 68 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 64Page - Microchip Technology LAN8820 Datasheet HTML 65Page - Microchip Technology LAN8820 Datasheet HTML 66Page - Microchip Technology LAN8820 Datasheet HTML 67Page - Microchip Technology LAN8820 Datasheet HTML 68Page - Microchip Technology LAN8820 Datasheet HTML 69Page - Microchip Technology LAN8820 Datasheet HTML 70Page - Microchip Technology LAN8820 Datasheet HTML 71Page - Microchip Technology LAN8820 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 68
 2009-2015 Microchip Technology Inc.
5.5.4
RESET TIMING
Figure 5-4 illustrates the nRESET pin timing requirements. For proper operation, nRESET must be asserted for no less
than trstia. In order for valid configuration strap values to be read upon a nRESET assertion, the tcss and tcsh timing con-
straints must be followed. In order for CONFIG[3:0] values to be read at power-up, the tcs and tch timing constraints must
be followed. Refer to Section 3.6.1, "Hardware Reset (nRESET)," on page 22 for additional information.
Note:
A hardware reset (nRESET assertion) is required following power-up. Refer to Section 5.5.3, "Power-On
Hardware Reset Timing," on page 67 for additional information.
FIGURE 5-4:
RESET TIMING
TABLE 5-13:
RESET TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
trstia
nRESET input assertion time
1
S
tcss
Configuration strap pins setup to nRESET deassertion
200
nS
tcsh
Configuration strap pins hold after nRESET deassertion
10
nS
totaa
Output tri-state after nRESET assertion
50
nS
todad
Output drive after deassertion
40
800
nS
tcs
CONFIG[3:0] setup to nRESET deassertion
0
nS
tch
CONFIG[3:0] hold after nRESET deassertion
1
uS
Note:
Device configuration straps are latched as a result of nRESET assertion. Refer to Section 3.8.1.1, "Con-
figuration Straps," on page 24 details. Configuration straps must only be pulled high or low and must not
be driven as inputs.
tcss
nRESET
Configuration
Straps
tcsh
Configuration Strap
Pins Output Drive
tcs
CONFIG[3:0]
tch
trstia
todad
totaa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com