Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 32Page - Infineon Technologies AG C165 Datasheet HTML 33Page - Infineon Technologies AG C165 Datasheet HTML 34Page - Infineon Technologies AG C165 Datasheet HTML 35Page - Infineon Technologies AG C165 Datasheet HTML 36Page - Infineon Technologies AG C165 Datasheet HTML 37Page - Infineon Technologies AG C165 Datasheet HTML 38Page - Infineon Technologies AG C165 Datasheet HTML 39Page - Infineon Technologies AG C165 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
C165
Data Sheet
32
V2.0, 2000-12
Absolute Maximum Ratings
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
During absolute maximum rating overload conditions (
VIN > VDD or VIN < VSS) the
voltage on
VDD pins with respect to ground (VSS) must not exceed the values
defined by the absolute maximum ratings.
Table 7
Absolute Maximum Rating Parameters
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Storage temperature
TST
- 65
150
°C
–
Junction temperature
TJ
- 40
150
°C
under bias
Voltage on
VDD pins with
respect to ground (
VSS)
VDD
-0.5
6.5
V
–
Voltage on any pin with
respect to ground (
VSS)
VIN
-0.5
VDD +0.5 V
–
Input current on any pin
during overload condition
–
- 10
10
mA
–
Absolute sum of all input
currents during overload
condition
––
|100|
mA
–
Power dissipation
PDISS
–1.5
W
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com