Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 9Page - Infineon Technologies AG C165 Datasheet HTML 10Page - Infineon Technologies AG C165 Datasheet HTML 11Page - Infineon Technologies AG C165 Datasheet HTML 12Page - Infineon Technologies AG C165 Datasheet HTML 13Page - Infineon Technologies AG C165 Datasheet HTML 14Page - Infineon Technologies AG C165 Datasheet HTML 15Page - Infineon Technologies AG C165 Datasheet HTML 16Page - Infineon Technologies AG C165 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
C165
Data Sheet
9
V2.0, 2000-12
RSTIN
79
81
I/O
Reset Input with Schmitt-Trigger characteristics. A
low level at this pin while the oscillator is running
resets the C165. An internal pullup resistor permits
power-on reset using only a capacitor connected to
VSS. A spike filter suppresses input pulses < 10 ns.
Input pulses >100 ns safely pass the filter. The
minimum duration for a safe recognition should be
100 ns + 2 CPU clock cycles.
In bidirectional reset mode (enabled by setting bit
BDRSTEN in register SYSCON) the RSTIN line is
internally pulled low for the duration of the internal
reset sequence upon any reset (HW, SW, WDT).
See note below this table.
Note: To let the reset configuration of PORT0 settle
a reset duration of ca. 1 ms is recommended.
RST
OUT
80
82
O
Internal Reset Indication Output. This pin is set to a
low level when the part is executing either a
hardware-, a software- or a watchdog timer reset.
RSTOUT remains low until the EINIT (end of
initialization) instruction is executed.
NMI
81
83
I
Non-Maskable Interrupt Input. A high to low
transition at this pin causes the CPU to vector to the
NMI trap routine. When the PWRDN (power down)
instruction is executed, the NMI pin must be low in
order to force the C165 to go into power down mode.
If NMI is high, when PWRDN is executed, the part
will continue to run in normal mode.
If not used, pin NMI should be pulled high externally.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin Nr
TQFP
Pin Nr
MQFP
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com