Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 44Page - Infineon Technologies AG C165 Datasheet HTML 45Page - Infineon Technologies AG C165 Datasheet HTML 46Page - Infineon Technologies AG C165 Datasheet HTML 47Page - Infineon Technologies AG C165 Datasheet HTML 48Page - Infineon Technologies AG C165 Datasheet HTML 49Page - Infineon Technologies AG C165 Datasheet HTML 50Page - Infineon Technologies AG C165 Datasheet HTML 51Page - Infineon Technologies AG C165 Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
C165
Data Sheet
44
V2.0, 2000-12
Testing Waveforms
Figure 11
Input Output Waveforms
Figure 12
Float Waveforms
MCA04414
2.4 V
0.45 V
1.8 V
0.8 V
1.8 V
0.8 V
Test Points
AC inputs during testing are driven at 2.4 V for a logic 1’ and 0.45 V for a logic 0’.
Timing measurements are made at IH
V min for a logic 1’ and VIL max for a logic 0’.
MCA00763
- 0.1 V
+ 0.1 V
+ 0.1 V
- 0.1 V
Reference
For timing purposes a port pin is no longer floating when a 100 mV change from load voltage occurs,
but begins to float when a 100 mV change from the loaded OH
V
Timing
Points
Load
V
VLoad
OH
V
VOL
/
VOL level occurs (IOH OL
I
/
= 20 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com