Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 41Page - Infineon Technologies AG C165 Datasheet HTML 42Page - Infineon Technologies AG C165 Datasheet HTML 43Page - Infineon Technologies AG C165 Datasheet HTML 44Page - Infineon Technologies AG C165 Datasheet HTML 45Page - Infineon Technologies AG C165 Datasheet HTML 46Page - Infineon Technologies AG C165 Datasheet HTML 47Page - Infineon Technologies AG C165 Datasheet HTML 48Page - Infineon Technologies AG C165 Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
C165
Data Sheet
41
V2.0, 2000-12
Prescaler Operation
When prescaler operation is configured (CLKCFG = 1XXB) the CPU clock is derived
from the internal oscillator (input clock signal) by a 2:1 prescaler.
The frequency of
fCPU is half the frequency of fOSC and the high and low time of fCPU (i.e.
the duration of an individual TCL) is defined by the period of the input clock
fOSC.
The timings listed in the AC Characteristics that refer to TCLs therefore can be
calculated using the period of
fOSC for any TCL.
Direct Drive
When direct drive is configured (CLKCFG = 0XXB) the on-chip phase locked loop is
disabled and the CPU clock is directly driven from the internal oscillator with the input
clock signal.
The frequency of
fCPU directly follows the frequency of fOSC so the high and low time of
fCPU (i.e. the duration of an individual TCL) is defined by the duty cycle of the input clock
fOSC.
The timings listed below that refer to TCLs therefore must be calculated using the
minimum TCL that is possible under the respective circumstances. This minimum value
can be calculated via the following formula:
TCLmin = 1/fOSC × DCmin
(DC = duty cycle)
For two consecutive TCLs the deviation caused by the duty cycle of
fOSC is compensated
so the duration of 2TCL is always 1/
fOSC. The minimum value TCLmin therefore has to
be used only once for timings that require an odd number of TCLs (1, 3, …). Timings that
require an even number of TCLs (2, 4, …) may use the formula 2TCL = 1/
fOSC.
Table 9
C165 Clock Generation Modes
CLKCFG
(P0H.7-5)
CPU Frequency
fCPU = fOSC × F
External Clock
Input Range1)
1) The external clock input range refers to a CPU clock range of 10 … 25 MHz (PLL operation).
Notes
0X X
fOSC × 1
1 to 25 MHz
Direct drive2)
2) The maximum frequency depends on the duty cycle of the external clock signal.
1X X
fOSC / 2
2 to 50 MHz
CPU clock via prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com