Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 4 Page - Infineon Technologies AG

  C165 Datasheet HTML 1Page - Infineon Technologies AG C165 Datasheet HTML 2Page - Infineon Technologies AG C165 Datasheet HTML 3Page - Infineon Technologies AG C165 Datasheet HTML 4Page - Infineon Technologies AG C165 Datasheet HTML 5Page - Infineon Technologies AG C165 Datasheet HTML 6Page - Infineon Technologies AG C165 Datasheet HTML 7Page - Infineon Technologies AG C165 Datasheet HTML 8Page - Infineon Technologies AG C165 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
C165
Revision History:
2000-12
V2.0
Previous Version:
1998-12
Update 0.5
µ technology
01.96
3 Volt Addendum
07.95
25 MHz Addendum
09.94
Data Sheet
Page
Subjects (major changes since last revision)
All
Converted to Infineon layout
2
ROM derivatives removed, 25-MHz derivatives and 3 V derivatives
included
6ff
Pin numbers for TQFP added
14
Address window arbitration and master/slave mode introduced
32
New standard layout for section “Absolute Maximum Ratings”
33
Section “Operating Conditions” added
34f
Parameter “RSTIN pullup” replaced by “RSTIN current”
36f
DC Characteristics for reduced supply voltage added
38f
Separate specification for power consumption with greatly improved values
40ff
Description of clock generation improved
45, 55, 65
Timing adapted to 25 MHz
48, 58, 66
Timing for reduced supply voltage added
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
mcdocu.comments@infineon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com