Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 10Page - Infineon Technologies AG C165 Datasheet HTML 11Page - Infineon Technologies AG C165 Datasheet HTML 12Page - Infineon Technologies AG C165 Datasheet HTML 13Page - Infineon Technologies AG C165 Datasheet HTML 14Page - Infineon Technologies AG C165 Datasheet HTML 15Page - Infineon Technologies AG C165 Datasheet HTML 16Page - Infineon Technologies AG C165 Datasheet HTML 17Page - Infineon Technologies AG C165 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
C165
Data Sheet
10
V2.0, 2000-12
P6
P6.0
P6.1
P6.2
P6.3
P6.4
P6.5
P6.6
P6.7
82
83
84
85
86
87
88
89
84
85
86
87
88
89
90
91
IO
O
O
O
O
O
I
I/O
O
Port 6 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits.
For a pin configured as input, the output driver is put
into high-impedance state. Port 6 outputs can be
configured as push/pull or open drain drivers.
The Port 6 pins also serve for alternate functions:
CS0
Chip Select 0 Output
CS1
Chip Select 1 Output
CS2
Chip Select 2 Output
CS3
Chip Select 3 Output
CS4
Chip Select 4 Output
HOLD
External Master Hold Request Input
HLDA
Hold Acknowledge Outp.(master mode)
or Input (slave mode)
BREQ
Bus Request Output
P2
P2.8
P2.9
P2.10
P2.11
P2.12
P2.13
P2.14
P2.15
90
91
92
93
94
95
96
97
92
93
94
95
96
97
98
99
IO
I
I
I
I
I
I
I
I
Port 2 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits.
For a pin configured as input, the output driver is put
into high-impedance state. Port 2 outputs can be
configured as push/pull or open drain drivers. The
following Port 2 pins serve for alternate functions:
EX0IN
Fast External Interrupt 0 Input
EX1IN
Fast External Interrupt 1 Input
EX2IN
Fast External Interrupt 2 Input
EX3IN
Fast External Interrupt 3 Input
EX4IN
Fast External Interrupt 4 Input
EX5IN
Fast External Interrupt 5 Input
EX6IN
Fast External Interrupt 6 Input
EX7IN
Fast External Interrupt 7 Input
P5
P5.10
P5.11
P5.12
P5.13
P5.14
P5.15
98
99
100
1
2
3
100
1
2
3
4
5
I
I
I
I
I
I
I
Port 5 is a 6-bit input-only port with Schmitt-Trigger
char. The pins of Port 5 also serve as timer inputs:
T6EUD
GPT2 Timer T6 Ext. Up/Down Ctrl Input
T5EUD
GPT2 Timer T5 Ext. Up/Down Ctrl Input
T6IN
GPT2 Timer T6 Count Input
T5IN
GPT2 Timer T5 Count Input
T4EUD
GPT1 Timer T4 Ext. Up/Down Ctrl Input
T2EUD
GPT1 Timer T2 Ext. Up/Down Ctrl Input
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin Nr
TQFP
Pin Nr
MQFP
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com