Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 45Page - Infineon Technologies AG C165 Datasheet HTML 46Page - Infineon Technologies AG C165 Datasheet HTML 47Page - Infineon Technologies AG C165 Datasheet HTML 48Page - Infineon Technologies AG C165 Datasheet HTML 49Page - Infineon Technologies AG C165 Datasheet HTML 50Page - Infineon Technologies AG C165 Datasheet HTML 51Page - Infineon Technologies AG C165 Datasheet HTML 52Page - Infineon Technologies AG C165 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
C165
Data Sheet
45
V2.0, 2000-12
Memory Cycle Variables
The timing tables below use three variables which are derived from the BUSCONx
registers and represent the special characteristics of the programmed memory cycle.
The following table describes, how these variables are to be computed.
Note: Please respect the maximum operating frequency of the respective derivative.
AC Characteristics
Table 12
Memory Cycle Variables
Description
Symbol
Values
ALE Extension
tA
TCL
× <ALECTL>
Memory Cycle Time Waitstates
tC
2TCL
× (15 - <MCTC>)
Memory Tristate Time
tF
2TCL
× (1 - <MTTC>)
Multiplexed Bus (Standard Supply Voltage Range)
(Operating Conditions apply)
ALE cycle time = 6 TCL + 2
tA + tC + tF (120 ns at 25 MHz CPU clock without waitstates)
Parameter
Symbol
Max. CPU Clock
= 25 MHz
Variable CPU Clock
1 / 2TCL = 1 to 25 MHz
Unit
min.
max.
min.
max.
ALE high time
t5
CC
10 +
tA
–TCL - 10
+
tA
–ns
Address setup to ALE
t6
CC
4 +
tA
–TCL - 16
+
tA
–ns
Address hold after ALE
t7
CC
10 +
tA
–TCL - 10
+
tA
–ns
ALE falling edge to RD,
WR (with RW-delay)
t8
CC
10 +
tA
–TCL - 10
+
tA
–ns
ALE falling edge to RD,
WR (no RW-delay)
t9
CC
- 10 +
tA –
- 10 +
tA
–ns
Address float after RD,
WR (with RW-delay)
t10 CC –
6
–6ns
Address float after RD,
WR (no RW-delay)
t11 CC –
26
–
TCL + 6
ns
RD, WR low time
(with RW-delay)
t12 CC 30 + tC
–
2TCL - 10
+
tC
–ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com