Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 55Page - Infineon Technologies AG C165 Datasheet HTML 56Page - Infineon Technologies AG C165 Datasheet HTML 57Page - Infineon Technologies AG C165 Datasheet HTML 58Page - Infineon Technologies AG C165 Datasheet HTML 59Page - Infineon Technologies AG C165 Datasheet HTML 60Page - Infineon Technologies AG C165 Datasheet HTML 61Page - Infineon Technologies AG C165 Datasheet HTML 62Page - Infineon Technologies AG C165 Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
C165
Data Sheet
55
V2.0, 2000-12
AC Characteristics
Demultiplexed Bus (Standard Supply Voltage Range)
(Operating Conditions apply)
ALE cycle time = 4 TCL + 2
tA + tC + tF (80 ns at 25 MHz CPU clock without waitstates)
Parameter
Symbol
Max. CPU Clock
= 25 MHz
Variable CPU Clock
1 / 2TCL = 1 to 25 MHz
Unit
min.
max.
min.
max.
ALE high time
t5
CC
10 +
tA
–TCL - 10
+
tA
–ns
Address setup to ALE
t6
CC
4 +
tA
–TCL - 16
+
tA
–ns
ALE falling edge to RD,
WR (with RW-delay)
t8
CC
10 +
tA
–TCL - 10
+
tA
–ns
ALE falling edge to RD,
WR (no RW-delay)
t9
CC
- 10 +
tA –- 10
+
tA
–ns
RD, WR low time
(with RW-delay)
t12 CC 30 + tC
–2TCL - 10
+
tC
–ns
RD, WR low time
(no RW-delay)
t13 CC 50 + tC
–3TCL - 10
+
tC
–ns
RD to valid data in
(with RW-delay)
t14 SR –
20 +
tC
–2TCL - 20
+
tC
ns
RD to valid data in
(no RW-delay)
t15 SR –
40 +
tC
–3TCL - 20
+
tC
ns
ALE low to valid data in
t16 SR –
40 +
tA + tC
–3TCL - 20
+
tA + tC
ns
Address to valid data in
t17 SR –
50 +
2
tA + tC
–4TCL - 30
+ 2
tA + tC
ns
Data hold after RD
rising edge
t18 SR 0
–
0
–
ns
Data float after RD rising
edge (with RW-delay1))
t20 SR –
26 +
2
tA + tF
1)
–2TCL - 14
+ 22
tA
+
tF
1)
ns
Data float after RD rising
edge (no RW-delay1))
t21 SR –
10 +
2
tA + tF
1)
–TCL - 10
+ 22
tA
+
tF
1)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com