Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 7Page - Infineon Technologies AG C165 Datasheet HTML 8Page - Infineon Technologies AG C165 Datasheet HTML 9Page - Infineon Technologies AG C165 Datasheet HTML 10Page - Infineon Technologies AG C165 Datasheet HTML 11Page - Infineon Technologies AG C165 Datasheet HTML 12Page - Infineon Technologies AG C165 Datasheet HTML 13Page - Infineon Technologies AG C165 Datasheet HTML 14Page - Infineon Technologies AG C165 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
C165
Data Sheet
7
V2.0, 2000-12
P4
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
23
24
25
26
29
30
31
32
25
26
27
28
31
32
33
34
IO
O
O
O
O
O
O
O
O
Port 4 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits.
For a pin configured as input, the output driver is put
into high-impedance state. Port 4 can be used to
output the segment address lines:
A16 Least Significant Segment Address Line
A17 Segment Address Line
A18 Segment Address Line
A19 Segment Address Line
A20 Segment Address Line
A21 Segment Address Line
A22 Segment Address Line
A23 Most Significant Segment Address Line
RD
33
35
O
External Memory Read Strobe. RD is activated for
every external instruction or data read access.
WR/
WRL
34
36
O
External Memory Write Strobe. In WR-mode this pin
is activated for every external data write access. In
WRL-mode this pin is activated for low byte data
write accesses on a 16-bit bus, and for every data
write access on an 8-bit bus. See WRCFG in register
SYSCON for mode selection.
READY 35
37
I
Ready Input. When the Ready function is enabled, a
high level at this pin during an external memory
access will force the insertion of memory cycle
waitstates until the pin returns to a low level.
An internal pullup device holds this pin high when
nothing is driving it.
ALE
36
38
O
Address Latch Enable Output. Can be used for
latching the address into external memory or an
address latch in the multiplexed bus modes.
EA
37
39
I
External Access Enable pin. A low level at this pin
during and after Reset forces the C165 to begin
instruction execution out of external memory. A high
level forces execution out of the internal program
memory.
“ROMless” versions must have this pin tied to ‘0’.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin Nr
TQFP
Pin Nr
MQFP
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com